Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861GL Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP8861GL Datasheet HTML 22Page - Monolithic Power Systems MP8861GL Datasheet HTML 23Page - Monolithic Power Systems MP8861GL Datasheet HTML 24Page - Monolithic Power Systems MP8861GL Datasheet HTML 25Page - Monolithic Power Systems MP8861GL Datasheet HTML 26Page - Monolithic Power Systems MP8861GL Datasheet HTML 27Page - Monolithic Power Systems MP8861GL Datasheet HTML 28Page - Monolithic Power Systems MP8861GL Datasheet HTML 29Page - Monolithic Power Systems MP8861GL Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
26
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
4) Reg03 Output Current
Register 03 is an output current-indicating
register. After the part starts up, the DC output
current information can be read through the I2C
communication.
When the inductor current is in discontinuous
conduction mode (DCM), the output current
sense is not very accurate. The Mode bit can
be set to 1 (PWM mode) for good current
sensing accuracy at light load.
When the inductor current enters CCM, the
output current sense accuracy is excellent
(typical accuracy is 5% when the output current
is higher than 2A).
Table 4 shows the output current chart from 0A
to 6.75A.
NAME
BITS
DEFAULT
DESCRIPTION
Output
Current
D[7:0]
0000 0000 Output current monitor bits. Table 4 shows the output current monitor chart.
D[7:0]
IOUT(A)
D[7:0]
IOUT(A)
D[7:0]
IOUT(A)
D[7:0]
IOUT(A)
0000 0000
0
0010 1011
2.15
0101 0110
4.3
1000 0001
6.45
0000 0001
0.05
0010 1100
2.2
0101 0111
4.35
1000 0010
6.5
0000 0010
0.1
0010 1101
2.25
0101 1000
4.4
1000 0011
6.55
0000 0011
0.15
0010 1110
2.3
0101 1001
4.45
1000 0100
6.6
0000 0100
0.2
0010 1111
2.35
0101 1010
4.5
1000 0101
6.65
0000 0101
0.25
0011 0000
2.4
0101 1011
4.55
1000 0110
6.7
0000 0110
0.3
0011 0001
2.45
0101 1100
4.6
1000 0111
6.75
0000 0111
0.35
0011 0010
2.5
0101 1101
4.65
0000 1000
0.4
0011 0011
2.55
0101 1110
4.7
0000 1001
0.45
0011 0100
2.6
0101 1111
4.75
0000 1010
0.5
0011 0101
2.65
0110 0000
4.8
0000 1011
0.55
0011 0110
2.7
0110 0001
4.85
0000 1100
0.6
0011 0111
2.75
0110 0010
4.9
0000 1101
0.65
0011 1000
2.8
0110 0011
4.95
0000 1110
0.7
0011 1001
2.85
0110 0100
5
0000 1111
0.75
0011 1010
2.9
0110 0101
5.05
0001 0000
0.8
0011 1011
2.95
0110 0110
5.1
0001 0001
0.85
0011 1100
3
0110 0111
5.15
0001 0010
0.9
0011 1101
3.05
0110 1000
5.2
0001 0011
0.95
0011 1110
3.1
0110 1001
5.25
0001 0100
1
0011 1111
3.15
0110 1010
5.3
0001 0101
1.05
0100 0000
3.2
0110 1011
5.35
0001 0110
1.1
0100 0001
3.25
0110 1100
5.4
0001 0111
1.15
0100 0010
3.3
0110 1101
5.45
0001 1000
1.2
0100 0011
3.35
0110 1110
5.5
0001 1001
1.25
0100 0100
3.4
0110 1111
5.55
0001 1010
1.3
0100 0101
3.45
0111 0000
5.6
0001 1011
1.35
0100 0110
3.5
0111 0001
5.65
0001 1100
1.4
0100 0111
3.55
0111 0010
5.7
0001 1101
1.45
0100 1000
3.6
0111 0011
5.75
0001 1110
1.5
0100 1001
3.65
0111 0100
5.8
0001 1111
1.55
0100 1010
3.7
0111 0101
5.85
0010 0000
1.6
0100 1011
3.75
0111 0110
5.9
0010 0001
1.65
0100 1100
3.8
0111 0111
5.95
0010 0010
1.7
0100 1101
3.85
0111 1000
6
0010 0011
1.75
0100 1110
3.9
0111 1001
6.05
0010 0100
1.8
0100 1111
3.95
0111 1010
6.1
0010 0101
1.85
0101 0000
4
0111 1011
6.15
0010 0110
1.9
0101 0001
4.05
0111 1100
6.2
0010 0111
1.95
0101 0010
4.1
0111 1101
6.25
0010 1000
2
0101 0011
4.15
0111 1110
6.3
0010 1001
2.05
0101 0100
4.2
0111 1111
6.35
0010 1010
2.1
0101 0101
4.25
1000 0000
6.4
Table 4: Output Current Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com