Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861GL Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP8861GL Datasheet HTML 5Page - Monolithic Power Systems MP8861GL Datasheet HTML 6Page - Monolithic Power Systems MP8861GL Datasheet HTML 7Page - Monolithic Power Systems MP8861GL Datasheet HTML 8Page - Monolithic Power Systems MP8861GL Datasheet HTML 9Page - Monolithic Power Systems MP8861GL Datasheet HTML 10Page - Monolithic Power Systems MP8861GL Datasheet HTML 11Page - Monolithic Power Systems MP8861GL Datasheet HTML 12Page - Monolithic Power Systems MP8861GL Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
9
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT = 1V, L = 1.5µH, FS = 500kHz, auto PFM/PWM mode, TA = 25°C, unless
otherwise noted.
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
024
6
VIN=18V
VIN=4.5V
VIN=12V
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
02
4
6
VIN=18V
VIN=12V
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
02
4
6
VIN=18V
VIN=4.5V
VIN=12V
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
02
4
6
VIN=18V
VIN=4.5V
VIN=12V
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
02
46
VIN=18V
VIN=4.5V
VIN=12V
0.01
0.1
1
60
64
68
72
76
80
84
88
92
96
100
0.01
0.1
1
60
64
68
72
76
80
84
88
92
96
100
0.01
0.1
1
60
64
68
72
76
80
84
88
92
96
100
VIN=4.5V
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
02
4
6
VIN=18V
VIN=4.5V
VIN=12V
VIN=12V
VIN=18V
VIN=4.5V
8
8
VIN=12V
VIN=18V
VIN=5V
VIN=12V
VIN=18V
VIN=7V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com