Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet (PDF) - ams AG

AS1527 Datasheet PDF - ams AG
Part # AS1527
Download  AS1527 Download
File Size   351.56 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 10-Bit, Single Supply, Low-Power, 73ksps A/D Converters

AS1527 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1527 Datasheet PDF - ams AG

Part # AS1527
Download  AS1527 Click to download

File Size   351.56 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 10-Bit, Single Supply, Low-Power, 73ksps A/D Converters

AS1527 Datasheet (HTML) - ams AG


AS1527 Product details

General Description

The AS1526/AS1527 are low-power, 10-bit, 73ksps analog-to-digital (A/D) converters specifically designed for single-supply A/D applications. Superior AC characteristics, very low power consumption, and robust packaging make these ultra-small devices perfect for battery-powered analog-data collection devices.



Key Features

10-Bit Resolution with 7.5µs Conversion Time

Sampling Rate: 73ksps

Straight Binary (Unipolar) Data Format

Single-Supply Operation:+2.7 to +3.6V

Internal 2.5V Reference (AS1526)

Low Power-Consumption:

  - 4mW (73ksps, AS1526)

  - 3mW (73ksps, AS1527)

  - 66µW (1ksps, AS1527)

  - 1µW (Shutdown Mode)

Integrated Track/Hold Amplifier

Internal Clock

SPI/QSPI/Microwire 3-Wire Serial Interface

Operating Temperature Range: -40 to +85ºC

8-pin SOIC-150 Package



Applications

The devices are ideal for remote sensors, data-acquisition, data logging devices, lab instruments, or for any other space-limited A/D devices with low power consumption and single-supply requirements.




Similar Part No. - AS1527

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1527 AMSCO-AS1527 Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1527-BSOT AMSCO-AS1527-BSOT Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1527-BSOU AMSCO-AS1527-BSOU Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
More results


Similar Description - AS1527

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2340 MICRO-LINEAR-ML2340 Datasheet
220Kb / 12P
Single Supply, Programmable 8-Bit D/A Converters
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1522 AMSCO-AS1522 Datasheet
93Kb / 2P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1520 AMSCO-AS1520 Datasheet
94Kb / 2P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1526 AMSCO-AS1526_1 Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1536 AMSCO-AS1536 Datasheet
782Kb / 21P
12-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1520 AMSCO-AS1520_1 Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
DATEL, Inc.
DAC-1012 DATEL-DAC-1012 Datasheet
1Mb / 12P
10-Bit, 125MSPS, Low-Power D/A Converters
DAC-1025 DATEL-DAC-1025 Datasheet
431Kb / 6P
10-Bit, 250MSPS, Low-Power D/A Converters
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com