Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1527 Datasheet(PDF) 1 Page - ams AG

Part # AS1527
Description  10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1527 Datasheet(HTML) 1 Page - ams AG

  AS1527 Datasheet HTML 1Page - ams AG AS1527 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1526, AS1527
10-Bit, Single Supply, Low-Power, 73ksps
A/D Converters
austriamicrosystems
Produ ct Brief
www.austriamicrosystems.com
Revision 1.02
1 - 2
1 General Description
The AS1526/AS1527 are low-power, 10-bit, 73ksps ana-
log-to-digital (A/D) converters specifically designed for
single-supply A/D applications. Superior AC characteris-
tics, very low power consumption, and robust packaging
make these ultra-small devices perfect for battery-pow-
ered analog-data collection devices.
The integrated successive-approximation register (SAR)
and a fast (1.5µs) sampling track/hold time provide an
economic and highly-reliable A/D conversion solution.
The AS1526/AS1527 operate from a single 2.7 to 3.6V
supply. The AS1527 requires an external reference,
using less power than the AS1526, however, the
AS1526 features an internal 2.5V reference.
As with the AS1527, the AS1526 can also be used with
an external reference, which uses the input range 0V to
VREF, including the positive supply range.
The AS1527 consumes only 3mW (VDD = 3V) at the
73ksps maximum sampling speed. Both devices feature
a low-current (0.3µA) shutdown mode, which reduces
power consumption at slower throughput rates.
Data accesses are made via the standard, high-speed
3-wire serial interface, which is SPI-, QSPI-, and
Microwire-compatible. Both devices contain an internal
clock, however, both devices also support an external
clock for increased flexibility.
The AS1526/AS1527 are available in an 8-pin SOIC-150
package.
Figure 1. Block Diagram and Pin Assignments
2 Key Features
!
10-Bit Resolution with 7.5µs Conversion Time
!
Sampling Rate: 73ksps
!
Straight Binary (Unipolar) Data Format
!
Single-Supply Operation:+2.7 to +3.6V
!
Internal 2.5V Reference (AS1526)
!
Low Power-Consumption:
- 4mW (73ksps, AS1526)
- 3mW (73ksps, AS1527)
- 66µW (1ksps, AS1527)
- 1µW (Shutdown Mode)
!
Integrated Track/Hold Amplifier
!
Internal Clock
!
SPI/QSPI/Microwire 3-Wire Serial Interface
!
Operating Temperature Range: -40 to +85ºC
!
8-pin SOIC-150 Package
3 Applications
The devices are ideal for remote sensors, data-acquisi-
tion, data logging devices, lab instruments, or for any
other space-limited A/D devices with low power con-
sumption and single-supply requirements.
AS1526/AS1527
Control
Logic
Output
Shift
Register
Internal
Clock
10-Bit
SAR
Track/
Hold
2.5V
Ref
AS1526/
AS1527
4
REF
AS1526
only
10-Bit
SAR
6
DOUT
5
GND
1
VDD
7
CSN
8
SCLK
3
SHDNN
2
AIN
4
REF
3
SHDNN
2
AIN
1
VDD
5GND
6DOUT
7CSN
8SCLK


Similar Part No. - AS1527

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1527 AMSCO-AS1527 Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1527-BSOT AMSCO-AS1527-BSOT Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1527-BSOU AMSCO-AS1527-BSOU Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
More results

Similar Description - AS1527

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2340 MICRO-LINEAR-ML2340 Datasheet
220Kb / 12P
Single Supply, Programmable 8-Bit D/A Converters
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1522 AMSCO-AS1522 Datasheet
93Kb / 2P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1520 AMSCO-AS1520 Datasheet
94Kb / 2P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1526 AMSCO-AS1526_1 Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1536 AMSCO-AS1536 Datasheet
782Kb / 21P
12-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1520 AMSCO-AS1520_1 Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
DATEL, Inc.
DAC-1012 DATEL-DAC-1012 Datasheet
1Mb / 12P
10-Bit, 125MSPS, Low-Power D/A Converters
DAC-1025 DATEL-DAC-1025 Datasheet
431Kb / 6P
10-Bit, 250MSPS, Low-Power D/A Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com