Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-100P-R10E Datasheet (PDF) - Advantech Co., Ltd.

UTC-100P-R10E Datasheet PDF - Advantech Co., Ltd.
Part # UTC-100P-R10E
Download  UTC-100P-R10E Download
File Size   1213.66 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15.6" Slim Tabletop Kiosk

UTC-100P-R10E Datasheet (PDF)

Go To PDF Page Download Datasheet
UTC-100P-R10E Datasheet PDF - Advantech Co., Ltd.

Part # UTC-100P-R10E
Download  UTC-100P-R10E Click to download

File Size   1213.66 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15.6" Slim Tabletop Kiosk

UTC-100P-R10E Datasheet (HTML) - Advantech Co., Ltd.


UTC-100P-R10E Product details

Features
ƒ Low power consumption and fanless design
ƒ Built-in Intel® Core™ i5-8365UE processor
ƒ Built-in Intel® Pentium® N4200 processor
ƒ 15.6" monitor with 16:9 widescreen display
ƒ IP65-rated front panel for water and dust resistance
ƒ Rich I/O and diverse peripheral options
ƒ Plastic frame with side groove design for flexible peripheral installation
ƒ Support Windows, Android, and Linux operating systems
ƒ Floor stand tower available
ƒ Support DeviceOn/iService software for remote device management




Similar Part No. - UTC-100P-R10E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
15.6" Ubiquitous Touch Computer UTC-115H with Intel® Core™ i5-8365UE
26-Jan-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
15.6" Ubiquitous Touch Computer UTC-115I with 11th Gen Intel® Core™ i5/i3 Processor
4-Aug-2023
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
984Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120G with Pentium® N4200
10-Nov-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
21.5" Ubiquitous Touch Computer UTC-120H with 8th Gen Intel® Core™ i5/i3 Processor
5-Dec-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
996Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120I with 11th Gen Intel® Core™ i5/i3 Processor
4-Aug-2023
More results


Similar Description - UTC-100P-R10E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-115W ADVANTECH-FPM-115W Datasheet
348Kb / 2P
15.6 / 21.5
30-Oct-2020
UTK-624 ADVANTECH-UTK-624 Datasheet
873Kb / 2P
23.8 Kiosk
2018/03/23
UTK-752 ADVANTECH-UTK-752 Datasheet
390Kb / 2P
21.5Slim Tabletop Kiosk
7-Oct-2020
UTK-6024 ADVANTECH-UTK-6024 Datasheet
782Kb / 3P
23.8" Indoor Self-Service Kiosk
22-Nov-2022
UTK-7121 ADVANTECH-UTK-7121 Datasheet
968Kb / 4P
21.5" Slim Tabletop Kiosk
26-Jan-2022
UTK-7515 ADVANTECH-UTK-7515 Datasheet
723Kb / 4P
15.6" Slim Tabletop Kiosk
27-Aug-2021
UTK-7521 ADVANTECH-UTK-7521 Datasheet
640Kb / 4P
21.5" Slim Tabletop Kiosk
27-Aug-2021
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
USC-365 ADVANTECH-USC-365 Datasheet
833Kb / 3P
15.6" Ultra-Slim, All-in-One POS
13-Dec-2022
USC-M6 ADVANTECH-USC-M6 Datasheet
636Kb / 2P
15.6" Ultra-Slim Touchscreen Monitor
22-Nov-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com