Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-100P-R10E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  15.6" Slim Tabletop Kiosk
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Interactive Self-service Terminals
UTK-7115
Dimensions
UTC-115GP
UTC-115HP
Unit: mm
100X100 VESA
M4 SCREW hole 7.0mm depth
100X100 VESA
M4 SCREW hole 7.0mm depth
398.8
29.5
41.0
345.6
149.3
100.0
149.3
100.0
398.8
345.6
31.2
100X100 VESA
M4 SCREW hole 7.0mm depth
100X100 VESA
M4 SCREW hole 7.0mm depth
398.8
29.5
41.0
345.6
149.3
100.0
149.3
100.0
398.8
345.6
31.2
Floor stand ordering information
Item
Part Number
Description
Desktop stand
96PD-00824
Desktop stand for UTK-7000 (Epson TM-T88V printer bracket included)
Floor Stand
96PD-00825
Extension stand for UTK-7000
313.51
340
30°
340
220
54.49
155.50
313.51
40
43.50
Desk Top
Peripherals for UTC-100(AIO system) series
Part No.
Description
UTC-100P-B11E
2D Barcode Scanner for UTC-115/120
UTC-100P-C10E
5M Camera for UTC-115/120
UTC-100P-R10E
RFID Scanner for UTC-115/120
UTC-100P-M10E
MSR Reader for UTC-115/120
UTC-100P-S10E
Smart Card Reader for UTC-115/120
UTC-100P-L10E
LED Light Bar for UTC-115/120
UTC-100P-F10E
Finger Print Reader for UTC-115/120
UTC-100P-T10E
Thermal Camera for UTC-115/120
Peripheral Mountable on All 4 Sides



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com