Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-100P-R10E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  15.6" Slim Tabletop Kiosk
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Interactive Self-service Terminals
Features
UTK-7115
Introduction
Advantech's UTK-7115 is a smart, modular kiosk system you build with an Advantech's UTC-100 series touch computer, diverse components, and various types of stands to meet
every unique need. Powered by a sixth-generation Intel® processor and equipped with up to 16GB of memory, the UTK-7115 series deliver excellent performance to support various
self-service applications. Designed to meet diverse needs and requirements of self-service applications, Advantech UTK-7115 series offer flexible configuration and installation
options, making it the perfect kiosk for businesses that require tailored solutions.
Moreover, Advantech DeviceOn/iService Software is a next-generation unified device management unified device management solution based on the WISE-DeviceOn platform. With
support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
UTK-7115P-G
UTK-7115P-H
Process system
CPU
Intel® Pentium® N4200 (UTC-115G)
Intel® Core™ i5-8365UE (UTC-115H)
Base/Burst Frequency
1.10Ghz/2.50Ghz (Quad-Core)
1.10 GHz (Quad-Core)
Memory
1 x 204 pin SO-DIMM DDR3L 1600 MHz up to 8 GB
1 x 260 pin SO-DIMM DDR4 2400 MT/s up to 16GB
Storage
1 x M.2 2242 SSD / 1 x 2.5 internal SATA storage
1 x 2.5 internal SATA storage, M.2 2242/2280 SSD
Network
2 x Gigabit Ethernet ports (Supports Wake on LAN)
2 x Gigabit Ethernet ports (Supports Wake on LAN)
I/O Ports
2 x RS-232 COM (COM2 RS-232/422/485)
4 x USB3.0 / 2 x USB3.0 (optional)
2 x Gigabit Ethernet ports (1 with PoE)
1 x HDMI 1.4
1 x Audio Phone Jack
2 x RS-232 COM (COM2 RS-232/422/485)
4 x USB3.0
2 x Gigabit Ethernet ports
1 x HDMI 1.4
1 x Audio Phone Jack
Stereo Speaker
2 x 2W
2 x 2W
Bus expansion
1 x M.2 key2230, 1 x M.2 key2242
1 x M.2 key2230, 1 x M.2 key2242
Mounting
VESA 100 x 100 mm (Screw Size, M4, 7mm)
VESA 100 x 100 mm (Screw Size, M4, 6mm)
Dimension (WxHxD)
398.8 x 248.2 x 29.5
398.8 x 248.2 x 29.5
Weight
2.4 Kg
2.4kg
OS Support
Win 10 IoT Enterprise 64bit
Android 10.1
Linux Ubuntu 20.04
Win 10 IoT Enterprise 64bit
Linux Ubuntu 18.04
Environment Specification
Operating temperature
0 ~ 40 °C (32 ~ 104 °F)*
0 ~ 35 °C (32 ~ 95 °F)*
Relative Humidity
10 ~ 95% @ 40 °C non-condensing
10 ~ 95% @ 40 °C non-condensing
Vibration
0.5G
0.5G
Shock
10G peak acceleration (11 msec. duration)
Shock 10G peak acceleration(11 msec. duration)
Certification
CE, FCC, CB, UL, CCC, BSMI
CE, FCC, CB, UL, CCC, BSMI
Front Panel Protection
IP 65 Compliant
IP 65 Compliant
Power Supply
DC Input Rating
12V/5A~24V/2.5A, 60W ITE Adapter
12V/7A (84W ITE Adapter)
PoE
IEEE 802.3at/30W (Optional)
n/a
Power consumption
26W
45W
LCD Display
Size/Type
15.6" HD
15.6" FHD (Option)
Max.Resolution
1366 x 768
1920 x 1080
Max. Color
262K
262K
Pixel Pitch (um)
252(H) x 252(V)
179(H) x 179(V)
Brightness (cd/m2)
220
300
View Angle
90°/50°
170°/170°
Touch Screen Option
Type
Projected Capacitive.
Projected Capacitive.
Light Transmission
> 85%
> 85%
Controller
USB Interface
USB Interface
NEW
ƒ
Low power consumption and fanless design
ƒ
Built-in Intel® Core™ i5-8365UE processor
ƒ
Built-in Intel® Pentium® N4200 processor
ƒ
15.6" monitor with 16:9 widescreen display
ƒ
IP65-rated front panel for water and dust resistance
ƒ
Rich I/O and diverse peripheral options
ƒ
Plastic frame with side groove design for flexible peripheral installation
ƒ
Support Windows, Android, and Linux operating systems
ƒ
Floor stand tower available
ƒ
Support DeviceOn/iService software for remote device management
15.6" Slim Tabletop Kiosk
Intel® Core™ i5-8365UE
Intel® Pentium® N4200
All product specifications are subject to change without notice.
Last updated: 26-Jan-2022


Similar Part No. - UTC-100P-R10E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
15.6" Ubiquitous Touch Computer UTC-115H with Intel® Core™ i5-8365UE
26-Jan-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
15.6" Ubiquitous Touch Computer UTC-115I with 11th Gen Intel® Core™ i5/i3 Processor
4-Aug-2023
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
984Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120G with Pentium® N4200
10-Nov-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
1Mb / 4P
21.5" Ubiquitous Touch Computer UTC-120H with 8th Gen Intel® Core™ i5/i3 Processor
5-Dec-2022
UTC-100P-R10E ADVANTECH-UTC-100P-R10E Datasheet
996Kb / 4P
21.5" Ubiquitous Touch Computer UTC-120I with 11th Gen Intel® Core™ i5/i3 Processor
4-Aug-2023
More results

Similar Description - UTC-100P-R10E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-115W ADVANTECH-FPM-115W Datasheet
348Kb / 2P
15.6 / 21.5
30-Oct-2020
UTK-624 ADVANTECH-UTK-624 Datasheet
873Kb / 2P
23.8 Kiosk
2018/03/23
UTK-752 ADVANTECH-UTK-752 Datasheet
390Kb / 2P
21.5Slim Tabletop Kiosk
7-Oct-2020
UTK-6024 ADVANTECH-UTK-6024 Datasheet
782Kb / 3P
23.8" Indoor Self-Service Kiosk
22-Nov-2022
UTK-7121 ADVANTECH-UTK-7121 Datasheet
968Kb / 4P
21.5" Slim Tabletop Kiosk
26-Jan-2022
UTK-7515 ADVANTECH-UTK-7515 Datasheet
723Kb / 4P
15.6" Slim Tabletop Kiosk
27-Aug-2021
UTK-7521 ADVANTECH-UTK-7521 Datasheet
640Kb / 4P
21.5" Slim Tabletop Kiosk
27-Aug-2021
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
USC-365 ADVANTECH-USC-365 Datasheet
833Kb / 3P
15.6" Ultra-Slim, All-in-One POS
13-Dec-2022
USC-M6 ADVANTECH-USC-M6 Datasheet
636Kb / 2P
15.6" Ultra-Slim Touchscreen Monitor
22-Nov-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com