Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-100P-R10E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-100P-R10E
Description  15.6" Slim Tabletop Kiosk
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-100P-R10E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-100P-R10E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-100P-R10E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
UTK-7115
Desk top ordering information
Part Number
Description
UTC-115GP-WWW1E
15.6”Pcap w/ Pentium N4200, 4G RAM, 128G TLC, Wifi,Win 10 LTSC
UTC-115HP-WWW1F
15.6" Pcap,FHD,8365UE,4G RAM, 128G SSD, Win10, WF, S
UTC-115GP-WUS1F
15.6" FHD, Pcap, N4200, 4G RAM, 128G SSD, Win10, Wifi/BT, Power cord, Silver
UTC-115GP-NUS1F
15.6" FHD, Pcap, N4200, 4G RAM, 128G SSD, Wifi/BT, Power cord, Silver
UTC-115HP-WUS1F
15.6" FHD, Pcap, i5-8365, 8G RAM, 128G SSD, Win10, Wifi/BT, Power cord, Silver
UTC-115HP-NUS1F
15.6" FHD, Pcap, i5-8365, 8G RAM, 128G SSD, Wifi/BT, Power cord, Silver
UTC-115HP-WEU1F
15.6" Pcap,FHD,8365UE,8G RAM,128G SSD,Win10,WF,S
UTC-115HP-WEF1F
15.6" Pcap,FHD,i3,8G RAM,128G SSD,wifi, Win 10
UTC-115GP-WCN1E
15.6" HD, Pcap, N4200, 4G RAM, 128G SSD, Win10, Wifi/BT, Silver
UTC-115GP-NCN0E
15.6" HD, Pcap, N4200, 4G RAM, 128G SSD, Silver
UTC-115HP-NCN1E
15.6" Pcap,HD,i3,4G RAM,128G SSD,wifi
UTC-115HP-NCN1F
15.6" Pcap,FHD,i3,4G RAM,128G SSD,wifi
96PD-00824
Desktop stand for UTK-700 (Epson TM-T88V printer bracket included)
313.51
340
30°
340
220
54.49
155.50
313.51
40
43.50
Desk Top
Dimensions
UTC-115GP
UTC-115HP
Unit: mm
100X100 VESA
M4 SCREW hole 7.0mm depth
100X100 VESA
M4 SCREW hole 7.0mm depth
398.8
29.5
41.0
345.6
149.3
100.0
149.3
100.0
398.8
345.6
31.2
100X100 VESA
M4 SCREW hole 7.0mm depth
100X100 VESA
M4 SCREW hole 7.0mm depth
398.8
29.5
41.0
345.6
149.3
100.0
149.3
100.0
398.8
345.6
31.2
Specifications (Cont.)
DeviceOn/iService
Remote Device Management
Operating System
Windows 10
Common Controls (Reboot, Shutdown)
Remote desktop
(VNC)
Device-Specific Controls (Audio)
*
Connection Status
Hardware Status
*
Hard Disk Status
*
Batch Operation Support
OTA Storage Management
FTP
OTA Software Updates
Software Watchlist
Software Start/Stop
*
Kiosk Mode
Peripherals Watchlist
*
Note: DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
*Dependent on device model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com