Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9316N Datasheet (PDF) - Micro Analog systems

MAS9316N Datasheet PDF - Micro Analog systems
Part # MAS9316N
Download  MAS9316N Download
File Size   141.34 Kbytes
Page   8 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description 16-BIT DAC

MAS9316N Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9316N Datasheet PDF - Micro Analog systems

Part # MAS9316N
Download  MAS9316N Click to download

File Size   141.34 Kbytes
Page   8 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description 16-BIT DAC

MAS9316N Datasheet (HTML) - Micro Analog systems


MAS9316N Product details

DESCRIPTION
The MAS9316 is a 16-bit, monolithic CMOS, multiplying digital-to-analog converter (DAC ) designed for direct microprocessor interface. Its high relative accuracy and monotonicity is achieved without laser trimming. This is made possible by the use of highly accurate, low TCR thin film resistor process and a 4 MSB to 15 decoding design technique. Hidden errors are eliminated by testing all the 65536 different input codes.The device offers advantages like high stability over time and temperature and low sensitivity to output amplifier offset combined to excellent performance-to-cost ratio. The fast input data latches are designed as two 8-bit segments providing data storage when latched or transparent operation when unlatched. All digital inputs have high ESD protection up to 2 kV.

FEATURES
• Linearity TC 0.5 ppm/C
• 2 kV ESD Protection on Digital Inputs
• D4 MSBs Decoded
• All 65536 Codes Tested
• Monolithic CMOS Replacement for SIPEX
• DAC 9331-16-4 and SP9316C-4
• 24-pin PDIP Package

APPLICATION
• Audio applications
• Instrumentation
• uP Controlled systems




Similar Part No. - MAS9316N

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
More results


Similar Description - MAS9316N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
Dual 16-bit DAC
November 1985
logo
Linear Technology
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
16-Bit, 50Msps DAC
logo
Sipex Corporation
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
16-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD1856 AD-AD1856 Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
Complete Buffered 16-Bit DAC
logo
Analog Devices
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
logo
Texas Instruments
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
Single-Wire 16-Bit DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com