Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9316N Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9316N
Description  16-BIT DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9316N Datasheet(HTML) 6 Page - Micro Analog systems

  MAS9316N Datasheet HTML 1Page - Micro Analog systems MAS9316N Datasheet HTML 2Page - Micro Analog systems MAS9316N Datasheet HTML 3Page - Micro Analog systems MAS9316N Datasheet HTML 4Page - Micro Analog systems MAS9316N Datasheet HTML 5Page - Micro Analog systems MAS9316N Datasheet HTML 6Page - Micro Analog systems MAS9316N Datasheet HTML 7Page - Micro Analog systems MAS9316N Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DA9316.003
March 23, 2005
6
APPLICATION INFORMATION
UNIPOLAR OPERATION, Transfer Characteristics
BIPOLAR OPERATION Transfer Characteristics
BINARY INPUT
ANALOG OUTPUT
OFFSET BINARY INPUT
ANALOG OUTPUT
111...111
100...001
100...000
011...111
000...001
000...000
-VREF (1-2-N)
-VREF (1/2-2-N)
-VREF 1/2
-VREF (1/2-2-N)
-VREF (2-N)
0
111...111
100...001
100...000
011...111
000...001
000...000
-VREF (1-2-(N-1))
-VREF (2--(N-1))
0
+VREF (2(N-1))
-VREF (1-2-(N-1))
+VREF
Note:
To maintain specified linearity, the external amplifier
(A) must be nulled. Apply an ‘all zeroes’ digital input and
adjust ROS for VOUT = 0 +/- 1mv.
Note:
To maintain specified linearity, the external amplifier (A1
and A2) must be nulled. With a digital input of 10...0 and
VREF set to zero:
a) set ROS1 for VO1 =0, b) set ROS2 for VOUT = 0
c) set VREF to +10v and adjust Rb for VOUT to be 0
volts.
DIGITALLY CONTROLLED LOW PASS FILTER
-
+
ROS
MAS 9316
IO1
IO2
DGND
MSB Latch
LSB Latch
Bit 1 (MSB)
Bit 16 (LSB)
Digital
Input
RFB
VREF
VDD
VOUT
-
+
ROS2
MAS 9316
IO1
IO2
DGND
MSB Latch
LSB Latch
Bit 1 (MSB)
Bit 16 (LSB)
Digital
Input
RFB
VREF
VDD
VOUT
-
+
ROS1
2R
R for +/- 5V
2R for +/- 10V
Rb
VO1
Register
Register
16-Bit
Register Network
-
+
A1
-
+
A3
-
+
A2
+5v
+5v
R1
R2
R3
R4
5k
19
13
20
14
16
15
Bits 1-8
Bits 9-16
VOUT
C
MAS9316
VIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com