Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9316N Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS9316N
Description  16-BIT DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9316N Datasheet(HTML) 5 Page - Micro Analog systems

  MAS9316N Datasheet HTML 1Page - Micro Analog systems MAS9316N Datasheet HTML 2Page - Micro Analog systems MAS9316N Datasheet HTML 3Page - Micro Analog systems MAS9316N Datasheet HTML 4Page - Micro Analog systems MAS9316N Datasheet HTML 5Page - Micro Analog systems MAS9316N Datasheet HTML 6Page - Micro Analog systems MAS9316N Datasheet HTML 7Page - Micro Analog systems MAS9316N Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DA9316.003
March 23, 2005
5
DATA
LATCH
OUTPU T
t1 = Data Setup Time (80ns)
t2 = Strobe W idth (80ns)
t3 = Settling Time (2us typical)
t1
t1
t2
t2
t3
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for design guidance only and are subject to sample testing only. VDD=+15V,
VREF=10V, IO1=IO2=DGND=0V except where stated. Output Amp is HOS-050.
(test conditions Ta=+25C)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Propagation Delay
tPD
IO1 load R=100Ω, Cext=13pF
All Data Inputs 0V to VDD or
VDD to 0V
From 50% digital input change
to 90% of final analog output.
300
ns
CURRENT SETTLING
Major Code Transition
Full Scale Transition
ts
TIMESettling
to +0.01% FSR (strobed).
0111111111111111 to
1000000000000000 or
1000000000000000 to
0111111111111111
All Data Inputs 0V to VDD or
VDD to 0V
1.5
3.0
µS
µs
OUTPUT CAPACITANCE
CIO1 (Pin 16)170
CIO2 (Pin 15)
CIO1 (Pin 16)
CIO2 (Pin 15)
Co
Digital inputs VIH
Digital inputs VIH
Digital inputs VIL
Digital inputs VIL
170
30
80
100
pF
pF
pF
pF
Digital to Analog Glitch
Energy
Q
VREF =0V
DAC register alternately loaded
with all 0s and all 1s
250
nVs
Multiplying Feedthrough
Error at IO1
FT
VREF=20Vpp; f=10kHz sine wave
VREF=20Vpp, f=1kHz sine wave
3.0
0.3
mVpp
mVpp
Power Supply Rejection
Ratio
PSRR
VDD = 14 to 16V
±0.0001
±0.002
%/%
TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com