Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9316N Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9316N
Description  16-BIT DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9316N Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9316N Datasheet HTML 1Page - Micro Analog systems MAS9316N Datasheet HTML 2Page - Micro Analog systems MAS9316N Datasheet HTML 3Page - Micro Analog systems MAS9316N Datasheet HTML 4Page - Micro Analog systems MAS9316N Datasheet HTML 5Page - Micro Analog systems MAS9316N Datasheet HTML 6Page - Micro Analog systems MAS9316N Datasheet HTML 7Page - Micro Analog systems MAS9316N Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DA9316.003
March 23, 2005
2
PIN CONFIGURATION
PIN DESCRIPTION
Pin name
PDIP
I/O
Function
BIT 12
1
I
Data bit 12, MSB
BIT 11
2
I
Data bit 11
BIT 10
3
I
Data bit 10
BIT 9
4
I
Data bit 9
BIT 8
5
I
Data bit 8
BIT 7
6
I
Data bit 7
BIT 6
7
I
Data bit 6
BIT 5
8
I
Data bit 5
BIT 4
9
I
Data bit 4
BIT 3
10
I
Data bit 3
BIT 2
11
I
Data bit 2
BIT 1
12
I
Data bit 1
VREF
13
I
Reference voltageiInput
RFB
14
I
Feedback resistor
IO2
15
O
Current output
IO1
16
O
Current output
VDD
17
P
Positive Supply voltage
DGND
18
G
Digital ground
LBE
19
I
Low byte enable
HBE
20
I
High byte enable
BIT 16
21
I
Data bit 16, LSB
BIT 15
22
I
Data bit 15
BIT 14
23
I
Data bit 14
PDIP 24
BIT12
BIT11
BIT10
BIT9
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1/MSB
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BIT13
BIT14
BIT15
BIT16/LSB
HBE
LBE
DGND
VDD
IO1
IO2
RFB
VREF
MAS9316N



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com