Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8714MPAC Datasheet (PDF) - Zarlink Semiconductor Inc

SP8714MPAC Datasheet PDF - Zarlink Semiconductor Inc
Part # SP8714MPAC
Download  SP8714MPAC Download
File Size   487.19 Kbytes
Page   9 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 2100 MHz Very Low Current Multi-Modulus Divider

SP8714MPAC Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8714MPAC Datasheet PDF - Zarlink Semiconductor Inc

Part # SP8714MPAC
Download  SP8714MPAC Click to download

File Size   487.19 Kbytes
Page   9 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 2100 MHz Very Low Current Multi-Modulus Divider

SP8714MPAC Datasheet (HTML) - Zarlink Semiconductor Inc


SP8714MPAC Product details

The SP8714 is a switchable divide by 32/33, 64/65 programmable divider which is guaranteed to operate up to 2100MHz. It will operate from a supply of 2.7V to 5.25V and requires typically 6.8mA (including the output current). It also features a power down facility for battery economy.

The RF inputs are internally biased and should be capacitively coupled to the signal source. The output is designed to interface with CMOS synthesisers.



FEATURES

■ Operation to 2100MHz

■ Very Low Power

■ Single Supply Operation 2.7V to 5.25V

■ Power Down Facility for Battery Economy

■ Latched Modulus Control Input

■ Push Pull Output Drive

■ ESD Protection on All Pins†



APPLICATIONS

■ Cellular Telephones

■ Cordless Telephones



 




Similar Part No. - SP8714MPAC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714 Datasheet
107Kb / 9P
2100MHz Very Low Current Multi-Modulus Divider
SP8714 MITEL-SP8714 Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
SP8714IGMPAC MITEL-SP8714IGMPAC Datasheet
107Kb / 9P
2100MHz Very Low Current Multi-Modulus Divider
SP8714IGMPAC MITEL-SP8714IGMPAC Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
SP8714IGMPAS MITEL-SP8714IGMPAS Datasheet
107Kb / 9P
2100MHz Very Low Current Multi-Modulus Divider
More results


Similar Description - SP8714MPAC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8713 MITEL-SP8713 Datasheet
135Kb / 9P
1100MHz Very Low Current Three Modulus Divider
SP8714 MITEL-SP8714 Datasheet
107Kb / 9P
2100MHz Very Low Current Multi-Modulus Divider
SP8715 MITEL-SP8715 Datasheet
312Kb / 10P
1100MHz Very Low Current Multi-Modulus Divider
SP8782A MITEL-SP8782A Datasheet
129Kb / 8P
1GHz 첨 16/17, 첨32/33 Multi-Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
logo
List of Unclassifed Man...
SP8704 ETC-SP8704 Datasheet
66Kb / 5P
950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
SP8906 ETC-SP8906 Datasheet
126Kb / 3P
500MHZ 4 MODULUS DIVIDER
logo
Zarlink Semiconductor I...
SP8782A ZARLINK-SP8782A Datasheet
290Kb / 8P
1GHz 16/17, 32/33 Multi-Modulus Divider
SP8715 ZARLINK-SP8715 Datasheet
611Kb / 11P
1100MHz Very Low Current Multi-Modulus Divider
logo
Mitel Networks Corporat...
SP8714 MITEL-SP8714_96 Datasheet
177Kb / 8P
2100MHz Very Low Current Multi-Modulus Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com