Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540 Datasheet (PDF) - STMicroelectronics

STA540 Datasheet PDF - STMicroelectronics
Part # STA540
Download  STA540 Download
File Size   342.69 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 13 W dual/quad power amplifier

STA540 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA540 Datasheet PDF - STMicroelectronics

Part # STA540
Download  STA540 Click to download

File Size   342.69 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 13 W dual/quad power amplifier

STA540 Datasheet (HTML) - STMicroelectronics


STA540 Product details

Features
■ High output power capability
– 2x 38 W into 4 Ω at 18 V, 1 kHz, 10% THD
– 2x 34 W into 8 Ω at 22 V, 1 kHz, 10% THD
– 2x 24W into 4Ω at 14.4 V, 1 kHz, 10% THD
– 2x 15 W into 8 Ω at 16 V, 1 kHz, 10% THD
– 4x 13 W into 2 Ω at 15 V, 1 kHz, 10% THD
– 4x 11 W into 4 Ω at 18 V, 1 kHz, 10% THD
– 4x 7 W into 4 Ω at 14.4 V, 1 kHz, 10% THD
■ Minimum external components count:
– no bootstrap capacitors
– no Boucherot cells
– internally fixed gain 20 dB
■ Standby function (CMOS compatible)
■ No audible pop during standby operations
■ Diagnostic facilities:
– clip detector
– output to GND short-circuit detector
– output to VS short-circuit detector
– soft short-circuit check at turn-on
– thermal shutdown warning

Description
The STA540 is a 4-channel, class-AB audio
amplifier designed for high quality sound
applications.
The amplifiers have single-ended outputs with
integrated short-circuit protection, thermal
protection and diagnostic functions.
The chip is housed in the 15-pin Multiwatt
ECOPACK® Pb-free package which is RoHS
(2002/95/EC) compliant.




Similar Part No. - STA540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
4 x 13 W dual/quad power amplifier
21-Jan-2008
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
4 x 10-watt dual/quad power amplifier
16-Dec-2010
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
More results


Similar Description - STA540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
4 x 13 W dual/quad power amplifier
21-Jan-2008
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
4 x 10-watt dual/quad power amplifier
16-Dec-2010
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
Power Amplifier, 13 W
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com