Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540SAN Datasheet (PDF) - STMicroelectronics

STA540SAN Datasheet PDF - STMicroelectronics
Part # STA540SAN
Download  STA540SAN Download
File Size   698.34 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 10-watt dual/quad power amplifier

STA540SAN Datasheet (PDF)

Go To PDF Page Download Datasheet
STA540SAN Datasheet PDF - STMicroelectronics

Part # STA540SAN
Download  STA540SAN Click to download

File Size   698.34 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 10-watt dual/quad power amplifier

STA540SAN Datasheet (HTML) - STMicroelectronics


STA540SAN Product details

Description

The STA540SAN contains four single-ended, class-AB audio amplifiers assembled in a Clipwatt15 package.

These amplifiers are used for high-quality sound applications. Each amplifier has integrated short-circuit and thermal protection and diagnostic functions. Two amplifiers can be paired up for applications requiring high power output.



Features

„High output-power capability:

–4 x 9W / 2Ωat 12 V, 1 kHz, 10%

– 4 x 10 W / 4Ωat 17 V, 1 kHz, 10%

– 2 x 26 W / 4Ωat 14.4 V, 1 kHz, 10%

– 2 x 15 W / 8Ωat 16 V, 1 kHz, 10%

„Minimum external component count:

– No bootstrap capacitors

– No Boucherot cells

– Internally fixed gain of 20 dB

„Standby function (CMOS compatible)

„No audible pop during standby operations

„Diagnostic facilities:

– Clip detector

– Out to GND short circuit

– Out to VS short circuit

– Soft short at turn-on

– Thermal shutdown proximity

Protection for

– Output AC/DC short circuit

– Soft short circuit at turn-on




Similar Part No. - STA540SAN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
More results


Similar Description - STA540SAN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
4 x 13 W dual/quad power amplifier
21-Jan-2008
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
2 x 10-watt dual BTL class-D audio amplifier
18-Jan-2012
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com