Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1044A Datasheet (PDF) - Belden Inc.

1044A Datasheet PDF - Belden Inc.
Part # 1044A
Download  1044A Download
File Size   155.22 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 20 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1044A Datasheet (PDF)

Go To PDF Page Download Datasheet
1044A Datasheet PDF - Belden Inc.

Part # 1044A
Download  1044A Click to download

File Size   155.22 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 20 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1044A Datasheet (HTML) - Belden Inc.


1044A Product details

Product Description
UL Instrumentation, 20 Pair 16AWG (7x24) Bare Copper, PVC-NYL Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 1044A

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1044 KEYSTONE-1044 Datasheet
306Kb / 1P
“18650” LITHIUM-ION BATTERY HOLDERS
31-07 20th
logo
Time Electronics Ltd.
1044 TIME-ELECTRONICS-1044 Datasheet
89Kb / 2P
1044 Voltage and Current Calibrator
V1b 27/03/09
logo
Seme LAB
10440 SEME-LAB-10440 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
logo
Heyco.
10440 HEYCO-10440 Datasheet
111Kb / 1P
Nylon PCB Supports - Metric Reverse Locking
logo
Lapp.
10440000 LAPP-10440000 Datasheet
187Kb / 3P
EPIC® H-A10 SS / H-A10 BS
18.09.2020
More results


Similar Description - 1044A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
62P1812 BELDEN-62P1812 Datasheet
153Kb / 2P
Inst, 12 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1039A BELDEN-1039A Datasheet
157Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1054A BELDEN-1054A Datasheet
155Kb / 2P
Inst, 36 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62P1824 BELDEN-62P1824 Datasheet
153Kb / 2P
Inst, 24 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1052A BELDEN-1052A Datasheet
207Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1067A BELDEN-1067A Datasheet
158Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1074A BELDEN-1074A Datasheet
163Kb / 2P
Inst, 24 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1089A BELDEN-1089A Datasheet
161Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62P1624 BELDEN-62P1624 Datasheet
214Kb / 2P
Inst PVC/PVC, 24 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt,TC-ER NPLF 90C Dry 75C Wet
04-28-2023
62P1816 BELDEN-62P1816 Datasheet
152Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com