Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1067A Datasheet (PDF) - Belden Inc.

1067A Datasheet PDF - Belden Inc.
Part # 1067A
Download  1067A Download
File Size   158.13 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1067A Datasheet (PDF)

Go To PDF Page Download Datasheet
1067A Datasheet PDF - Belden Inc.

Part # 1067A
Download  1067A Click to download

File Size   158.13 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1067A Datasheet (HTML) - Belden Inc.


1067A Product details

Product Description
UL Instrumentation, 16 Pair 18AWG (7x26) Bare Copper, PVC-NYL Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 1067A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1067 SCHURTER-1067 Datasheet
377Kb / 3P
IEC Appliance Inlet C14 or C18 with Voltage Selector and Fuseholder 1- or 2-pole
logo
Alpha Wire
1067 ALPHAWIRE-1067 Datasheet
98Kb / 4P
Customer Specification
8/25/2022
1067 ALPHAWIRE-1067 Datasheet
97Kb / 4P
Customer Specification
11/28/2022
logo
Heyco.
1067 HEYCO-1067 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
logo
Keystone Electronics Co...
1067 KEYSTONE-1067 Datasheet
472Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
More results


Similar Description - 1067A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
62P1812 BELDEN-62P1812 Datasheet
153Kb / 2P
Inst, 12 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1044A BELDEN-1044A Datasheet
155Kb / 2P
Inst, 20 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1054A BELDEN-1054A Datasheet
155Kb / 2P
Inst, 36 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1065A BELDEN-1065A Datasheet
199Kb / 2P
Inst, 8 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
62P1824 BELDEN-62P1824 Datasheet
153Kb / 2P
Inst, 24 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1052A BELDEN-1052A Datasheet
207Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1089A BELDEN-1089A Datasheet
161Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
61P1812 BELDEN-61P1812 Datasheet
147Kb / 2P
Inst, 12 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
61P1824 BELDEN-61P1824 Datasheet
145Kb / 2P
Inst PVC/PVC, 24 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
04-14-2023
62P1816 BELDEN-62P1816 Datasheet
152Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com