Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1089A Datasheet (PDF) - Belden Inc.

1089A Datasheet PDF - Belden Inc.
Part # 1089A
Download  1089A Download
File Size   161.37 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1089A Datasheet (PDF)

Go To PDF Page Download Datasheet
1089A Datasheet PDF - Belden Inc.

Part # 1089A
Download  1089A Click to download

File Size   161.37 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1089A Datasheet (HTML) - Belden Inc.


1089A Product details

Product Description
UL Instrumentation, 36 Pair 16AWG (7x26) Bare Copper, PVC-NYL Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 1089A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
1089 GILWAY-1089 Datasheet
82Kb / 1P
T-1 Lamps, Visible-Infrared
1089-9 GILWAY-1089-9 Datasheet
82Kb / 1P
T-1 Lamps, Visible-Infrared
logo
Heyco.
10890 HEYCO-10890 Datasheet
114Kb / 1P
Nylon PCB Supports - Screw and Lock
logo
Anaren Microwave
10890-3 ANAREN-10890-3 Datasheet
127Kb / 2P
Hybrid Couplers
10890-3 ANAREN-10890-3 Datasheet
133Kb / 3P
Hybrid Couplers
More results


Similar Description - 1089A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1044A BELDEN-1044A Datasheet
155Kb / 2P
Inst, 20 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1054A BELDEN-1054A Datasheet
155Kb / 2P
Inst, 36 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1070A BELDEN-1070A Datasheet
161Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1071A BELDEN-1071A Datasheet
161Kb / 2P
Inst, 8 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1067A BELDEN-1067A Datasheet
158Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1069A BELDEN-1069A Datasheet
185Kb / 2P
Inst, 2 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1074A BELDEN-1074A Datasheet
163Kb / 2P
Inst, 24 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
61P1812 BELDEN-61P1812 Datasheet
147Kb / 2P
Inst, 12 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
61P1836 BELDEN-61P1836 Datasheet
147Kb / 2P
Inst PVC/PVC, 36 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, TC NPLF 90C Dry 75C Wet
12-20-2022
62P1816 BELDEN-62P1816 Datasheet
152Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com