Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1044 Datasheet (PDF) - Keystone Electronics Corp.

1044 Datasheet PDF - Keystone Electronics Corp.
Part # 1044
Download  1044 Download
File Size   306.71 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description “18650” LITHIUM-ION BATTERY HOLDERS

1044 Datasheet (PDF)

Go To PDF Page Download Datasheet
1044 Datasheet PDF - Keystone Electronics Corp.

Part # 1044
Download  1044 Click to download

File Size   306.71 Kbytes
Page   1 Pages
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.
Description “18650” LITHIUM-ION BATTERY HOLDERS

1044 Datasheet (HTML) - Keystone Electronics Corp.


1044 Product details

FEATURES
• Low profile surface mount holder for Cylindrical Lithium and alkaline batteries
• UL 94V-0 heat resistant nylon housing well suited for reflow soldering
• Battery installation and removal does not require tools
• Securely holds battery in place
• Accomodates cells with or without built-in PCB protection circuits
• Polarity clearly marked for orientation
• Polarized holders available for protection against improper battery installation

APPLICATIONS
• Computer memory, power backup systems
• Digital readers
• Laptop and touch pad computers
• PLC and industrial controls
• Electronic cigarette/vapor industry




Similar Part No. - 1044

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
1044 TIME-ELECTRONICS-1044 Datasheet
89Kb / 2P
1044 Voltage and Current Calibrator
V1b 27/03/09
logo
Seme LAB
10440 SEME-LAB-10440 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
logo
Heyco.
10440 HEYCO-10440 Datasheet
111Kb / 1P
Nylon PCB Supports - Metric Reverse Locking
logo
Lapp.
10440000 LAPP-10440000 Datasheet
187Kb / 3P
EPIC® H-A10 SS / H-A10 BS
18.09.2020
logo
Weidmuller
1044000000 WEIDMULLER-1044000000 Datasheet
632Kb / 7P
BLF 7.62HP/03/180LR SN BK BX
More results


Similar Description - 1044

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
Lithium-Ion Battery Protector
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
2200mAh Lithium Ion Battery
logo
Sony Corporation
US18650VTC5A SONY-US18650VTC5A Datasheet
544Kb / 15P
Lithium-Ion Battery Specifications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com