Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8730 Datasheet (PDF) - Maxim Integrated Products

MAX8730 Datasheet PDF - Maxim Integrated Products
Part # MAX8730
Download  MAX8730 Download
File Size   883.68 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Battery Charger

MAX8730 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8730 Datasheet PDF - Maxim Integrated Products

Part # MAX8730
Download  MAX8730 Click to download

File Size   883.68 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Battery Charger

MAX8730 Datasheet (HTML) - Maxim Integrated Products


MAX8730 Product details

General Description
The MAX8730 highly integrated, multichemistry, battery-charger control IC simplifies construction of accurate and efficient chargers. The MAX8730 operates at high switching frequency to minimize external component size and cost. The MAX8730 uses analog inputs to control charge current and voltage, and can be programmed by a microcontroller or hardwired.

Features
♦ Small Inductor (3.5µH)
♦ Programmable Charge Current > 4.5A
♦ Automatic Power-Source Selection
♦ Analog Inputs Control Charge Current and Charge Voltage
♦ Monitor Outputs for
   AC Adapter Current
   Battery-Discharge Current
   AC Adapter Presence
♦ Independent 3.3V 20mA Linear Regulator
♦ Up to 17.6V (max) Battery Voltage
♦ +8V to +28V Input Voltage Range
♦ Reverse Adapter Protection
♦ System Short-Circuit Protection
♦ Cycle-by-Cycle Current Limit

Applications
   Notebook Computers
   Tablet PCs
   Portable Equipment with Rechargeable Batteries




Similar Part No. - MAX8730

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX873 MAXIM-MAX873 Datasheet
298Kb / 8P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX873 MAXIM-MAX873 Datasheet
384Kb / 12P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX873-MAX876 MAXIM-MAX873-MAX876 Datasheet
298Kb / 8P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
MAX8731A MAXIM-MAX8731A Datasheet
390Kb / 32P
SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/07
More results


Similar Description - MAX8730

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251 Datasheet
593Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
June 17, 2005
ISL6251 INTERSIL-ISL6251_06 Datasheet
461Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
May 10, 2006
logo
Texas Instruments
BQ24704 TI-BQ24704 Datasheet
1Mb / 31P
Low Cost, Host-Controlled Li-Ion and Li-Polymer Battery Charger With Low Iq
logo
Maxim Integrated Produc...
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
logo
Microchip Technology
MCP7381X MICROCHIP-MCP7381X Datasheet
330Kb / 22P
Low-Cost Li-Ion Battery Charger Evaluation Board User?셲 Guide
01/02/08
logo
STMicroelectronics
AN1464 STMICROELECTRONICS-AN1464 Datasheet
324Kb / 27P
LOW-COST DOUBLE LI-ION BATTERY CHARGER
10-Sep-2001
logo
Renesas Technology Corp
ISL6251 RENESAS-ISL6251 Datasheet
988Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com