Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2005DR Datasheet (PDF) - Texas Instruments

LM2005DR Datasheet PDF - Texas Instruments
Part # LM2005DR
Download  LM2005DR Download
File Size   2263.03 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode

LM2005DR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2005DR Datasheet PDF - Texas Instruments

Part # LM2005DR
Download  LM2005DR Click to download

File Size   2263.03 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode

LM2005DR Datasheet (HTML) - Texas Instruments


LM2005DR Product details

1 Features
• Drives two N-channel MOSFETs in half-bridge
configuration
• Integrated bootstrap diode
• 8-V typical undervoltage lockout on GVDD
• 107-V absolute maximum voltage on BST
• –19.5-V absolute maximum negative transient
voltage handling on SH
• 0.5-A/0.8-A peak source/sink currents
• 115-ns typical propagation delay

2 Applications
• Brushless-DC (BLDC) motors
• Permanent magnet synchronous motors (PMSM)
• Cordless vacuum cleaners
• Cordless garden and power tools
• E-bikes and e-scooters
• Battery test equipment
• Offline uninterruptible power supply (UPS)
• General-purpose MOSFET or IGBT driver

3 Description
The LM2005 is a compact, high-voltage gate driver
designed to drive both the high-side and the lowside
N-channel MOSFETs in a synchronous buck or
a half-bridge configuration. The integrated bootstrap
diode saves board space and reduces system cost by
eliminating the need for an external discrete diode.
The –1-V DC and –19.5-V transient negative
voltage handling on the SH pin improve the system
robustness in high noise applications. The small,
thermally-enhanced 8-pin WSON package improves
PCB layout by allowing the driver to be placed closer
to the motor phases. The LM2005 is also available
in an 8-pin SOIC package compatible with industry
standard pinouts. Undervoltage lockout (UVLO) is
provided on both the low-side and the high-side power
rails for protection during power up and power down.




Similar Part No. - LM2005DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2005 NSC-LM2005 Datasheet
205Kb / 8P
LM2005 20 Watt Automotive Power Amplifier
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20057AD LIGHTKEY-LM20057AD Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
LM20057AG LIGHTKEY-LM20057AG Datasheet
192Kb / 3P
2.00 inch 5x7 Dot Matrix LED Display
More results


Similar Description - LM2005DR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
logo
Texas Instruments
UCC27288 TI-UCC27288_V02 Datasheet
1Mb / 32P
UCC27288 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and External Bootstrap Diode
LM2105 TI-LM2105 Datasheet
1Mb / 25P
LM2105 105-V, 0.5-A/0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED MARCH 2023
logo
Infineon Technologies A...
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
logo
Texas Instruments
LM2105 TI-LM2105_V01 Datasheet
1Mb / 28P
LM2105 105-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED MAY 2023
LM2103 TI1-LM2103 Datasheet
1Mb / 29P
LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
REVISED AUGUST 2023
UCC27311A-Q1 TI1-UCC27311A-Q1 Datasheet
1Mb / 27P
UCC27311A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Integrated Bootstrap Diode, and Enable
REVISED AUGUST 2023
LM2101 TI-LM2101 Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
LM2104 TI-LM2104 Datasheet
1Mb / 28P
LM2104 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Shutdown Pin
REVISED OCTOBER 2023
LM2105 TI-LM2105_V02 Datasheet
2Mb / 32P
LM2105 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com