Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet (PDF) - NEXTCHIP Co,Ltd

VC0736 Datasheet PDF - NEXTCHIP Co,Ltd
Part # VC0736
Download  VC0736 Download
File Size   3164.18 Kbytes
Page   127 Pages
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd
Description 4-CH AHD2.0 RX and 9-CH Audio Codec

VC0736 Datasheet (PDF)

Go To PDF Page Download Datasheet
VC0736 Datasheet PDF - NEXTCHIP Co,Ltd

Part # VC0736
Download  VC0736 Click to download

File Size   3164.18 Kbytes
Page   127 Pages
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd
Description 4-CH AHD2.0 RX and 9-CH Audio Codec

VC0736 Datasheet (HTML) - NEXTCHIP Co,Ltd


VC0736 Product details

Features
 AHD2.0 4CH RX
-. AHD2.0 RX which accepts 4-CVBS/COMET/720P@25p/30p(AHD1.0)/
720P@50p/60p(AHD2.0)/
1080P@25p/30p(AHD2.0)
-. Output in BT.656/1120(like) 4:2:2 byte interleave format with
27/36/37.125/54/72/74.25/108/144/148.5MHz
-. Support 4*Video Output Port, Each Port Video Output Format Selectable
-. Support Video Standard Auto-Detection for Each a Channel by Status
-. On Chip Analog CLAMP, Anti-aliasing Filter and Equalizer Filter
-. Accepts NTSC-M/J/4.43, PAL-B/D/G/H/I/K/L/M/N/60, COMET,
720P @25p/30p/50p/60p, 1080P@25p/30p
-. Robust Sync detection for weak and unstable signals
-. High-performance adaptive comb filter and Notch Filter
-. Programmable H/V Peaking filter for Luminance
-. CTI (Chrominance Transient Improvement)
-. Color compensation for PAL
-. IF compensation filter
-. Robust No-video detection
-. Programmable Brightness, Contrast, Saturation and Hue
-. Programmable Picture Quality Control
-. Programmable Gamma Correction




Similar Part No. - VC0736

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC0015 AVX-VC0015 Datasheet
191Kb / 1P
Automotive Varistor for Automotive Applications
VC0201 AVX-VC0201 Datasheet
161Kb / 2P
Miniature 0201 MLV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V101WP AVX-VC020103V101WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V121WP AVX-VC020103V121WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VC020103V151WP AVX-VC020103V151WP Datasheet
82Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
More results


Similar Description - VC0736

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2093MPBF IRF-IRS2093MPBF Datasheet
342Kb / 19P
4 CH Digital Audio Amplifier
logo
Intersil Corporation
TW2974 INTERSIL-TW2974 Datasheet
163Kb / 2P
4-CH WD1 (960H)/D1 Compatible Video Decoder and Audio Codec
March 13, 2013
logo
International Rectifier
IRS2093MPBF IRF-IRS2093MPBF_15 Datasheet
342Kb / 19P
4 CH Digital Audio Amplifier
logo
Intersil Corporation
TW2960 INTERSIL-TW2960 Datasheet
142Kb / 2P
4-CH 960H Video Decoders and Audio Codecs
January 18, 2012
logo
Infineon Technologies A...
IRS2093M INFINEON-IRS2093M Datasheet
342Kb / 19P
4 CH Digital Audio Amplifier
Datasheet No - PD97380 June 22, 2009
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
192 kHz 4-ch Audio CODEC
logo
Renesas Technology Corp
TW2960 RENESAS-TW2960 Datasheet
3Mb / 147P
4-CH 960H Video Decoders and Audio Codecs
Sep 6, 2012
logo
NEXTCHIP Co,Ltd
NVP6114 NEXTCHIP-NVP6114 Datasheet
2Mb / 108P
4-CH AHD1.0 RX and 9-CH Audio Codec
04.03.2014 REV 0.0
NVP6124B NEXTCHIP-NVP6124B Datasheet
3Mb / 133P
4-CH AHD2.0 RX and 9-CH Audio Codec
2017.03.14 REV 0.2
NVP6134C NEXTCHIP-NVP6134C Datasheet
3Mb / 93P
4-CH Universal RX(up to 5M NRT) and 5-CH Audio Codec
REV 1.0 2016-10-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com