Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 10 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 10 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 6Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 7Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 8Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 9Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 10Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 11Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 12Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 13Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 14Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
8/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Digital Audio Interface
ACLK_REC
61
B
Clock for Record (M:output, S:Input)
ASYNC_REC
69
B
Sync for Record(M:output, S:Input)
ADATA_REC
70
O
Audio Digital Data for Record
ADATA_SP
72
O
Audio Digital Data for Speaker
ADATA_CASO
78
O
Audio Digital Data for Cascade Output
ADATA_CASI
56
I
Audio Digital Data for Cascade Input
ACLK_PB
53
B
Clock for Playback (M:output, S:Input)
ASYNC_PB
54
B
Sync for Playback (M:output, S:Input)
ADATA_PB
55
I
Audio Digital Data for Playback
I2C Interface
SDA
76
B
I2C Interface R/W Data (3.3V tolerant)
SCL
71
I
I2C Interface Clock (3.3V tolerant)
SA1, SA0
74,
75
I
Slave Address
Power
VDD1D
46,
77,
81,
124
P
Digital Power (Digital 1.2V)
VDD3D
22,
52,
101,
122
P
Digital Power (Digital 3.3V)
VDD3A
13,
17,
23,
38,
P
Analog Power (Analog 3.3V)
44,
45,
Ground
NC
10,
43,
48
G
No Connect Pin
(Connect to GND)
VSSA
11
15
Analog Ground
GND
30
31
32
33,
Ground
34
35,
62
63,
64,
65,
66,
67,
68,
93,
94,
95,
96,
97,
98,
99,
100,
125, 126, 127,
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com