Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 12 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 12 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 8Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 9Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 10Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 11Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 12Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 13Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 14Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 15Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 16Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
10/125
4-CH AHD2.0 RX and 9-CH Audio Codec
To achieve best quality of image, Adaptive Comb Filter is used.
The color demodulator in chroma processing block accepts modulated chrominance data from
Adaptive Comb Filter which generate Cb/Cr color difference data. During active video period, the
chrominance data is demodulated using sin and cos subcarrier data.
2.2. Video Input Formats
NVP6124 supports NTSC/PAL/COMET/AHD1.0/AHD2.0 as all of the Video Formats. Table 2.1
show various Video Formats and Register Setting Value (VIDEO_FORMAT, 0x08~0B[4:0],
Bank0 / AHD_MD, 0x81~84[3:0], Bank0 ) to support them.
Table 2.1. NVP6124 Input Video Image Formats
AHD_MD
( Bank0, 0x81~84[3:0] )
VIDEO_FORMAT
( Bank0, 0x08~0B[4:0] )
FORMAT
H x V
HZ
Fsc(MHz)
0x0
0x1
0x00
NTSC-M,J
720x240
960x240
59.94
3.579545
0x11
NTSC-4.43
720x240
960x240
59.94
4.43361875
0x1D
PAL-B,D,G,H,I
720x288
960x288
50
4.43361875
0x16
PAL-M
720x240
960x240
59.94
3.57561149
0x1F
PAL-Nc
720x288
960x288
50
3.58205625
0x15
PAL-60
720x240
960x240
60
4.433619
0x2
Don
’t care
P1080
1920x1080
30
Flexible
0x3
Don
’t care
P1080
1920x1080
25
Flexible
0x4
Don
’t care
P720
1280x720
60
Flexible
0x5
Don
’t care
P720
1280x720
50
Flexible
0x6
Don
’t care
P720
1280x720
30
Flexible
0x7
Don
’t care
P720
1280x720
25
Flexible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com