Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 79 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 79 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 75Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 76Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 77Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 78Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 79Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 80Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 81Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 82Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 83Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
77/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Low Pass Filter
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x18
Y_FIR_MODE_1
[3:0]
0x0
(AHD)
/
0x8
(960H)
0x0
(AHD)
/
0x8
(960H)
Y_FIR_MODE_x
:
Y Low Pass Filter control
(x
=
channel 1~4 )
0x19
Y_FIR_MODE_2
[3:0]
0000
:
bypass
0010
:
6.5MHz
0100
:
7.5MHz
0110
:
8.5MHz
1000
:
9.5MHz
0001
:
6MHz
0011
:
7MHz
0101
:
8MHz
0111
:
9MHz
etc
:
Don
’t use
0x1A
Y_FIR_MODE_3
[3:0]
0x1B
Y_FIR_MODE_4
[3:0]
Registers to Control Peaking Filter
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x18
Y_PEAK_MODE_1
[7:4]
0x0
0x0
Y_PEAK_MODE_x
:
Y Peaking Filter control
(x
=
channel 1~4 )
0x19
Y_PEAK_MODE_2
[7:4]
0x1A
Y_PEAK_MODE_3
[7:4]
0000
:
0dB
0010
:
3.5dB
0100 ~ 1111 : Don
’t use
0001
:
2dB
0011
:
6dB
0x1B
Y_PEAK_MODE_4
[7:4]
Registers to Control ACC
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x20
ACC_OFF_1
[7]
0x2F
0x2F
ACC_OFF_x
(x
=
channel 1~4 )
: Continue to a constant gain value for chroma signal
0
:
ON
1
:
OFF
0x24
ACC_OFF_2
0x28
ACC_OFF_3
0x2C
ACC_OFF_4
0x24
ACC_GAIN_SPD_1
[3:0]
ACC_GAIN_SPD_x
(x
=
channel 1~4 )
: 1 step value applied to the ACC Gain Accumulator
(ACC Accumulator 1 Step value = 4 * ACC_GAIN_SPD + 2 )
0x34
ACC_GAIN_SPD_2
0x28
ACC_GAIN_SPD_3
0x2C
ACC_GAIN_SPD_4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com