Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 35 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 35 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 31Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 32Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 33Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 34Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 35Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 36Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 37Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 38Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 39Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
33/125
4-CH AHD2.0 RX and 9-CH Audio Codec
3.3. Playback Output
Playback is to output stored audio data to external device through DAC after internal processing.
NVP6124 gives and takes a clock and synchronization signal through ACLK_PB and
ASYNC_PB pin. In this case, interface is the exactly same as Record data's interface. When
multi-channel audio is supported, selective playback for intended channel is enable using
register setting (PB_SER, 0x14[4:0], BANK1).
In case of single channel, PB_SEL should be set
to "00000".
ACLK_PB and ASYNC_PB supports Master mode and Slave mode. In master mode, ACLK_PB
and ASYNC_PB are outputted by NVP6124, and clock and synchronization signal come from
external devices at slave mode. Master/Slave mode is selected by setting internal register
(PB_MASTER, 0x13[7], BANK1).
ADATA_PB accepts an audio data synchronized with ACLK_PB and ASYNC_PB. ACLK_PB
and ASYNCP accept I2S/DSP/SSP mode input and output, and I2S and DSP mode is set by
internal register value (PB_SYNC, 0x13[0], BANK1). When DSP mode is selected, DSP/SSP
mode is set by (PB_SSP, 0x13[1], BANK1). The relation of clock, synchronized signal and data
are the exactly same as that of record/mix output. PB_CLK can be inverted for all modes using
setting of register(PB_CLK, 0x13[6], BANK1).
3.4. Audio Detection
NVP6124 has an audio mute detection block for individual 9 channels. The mute detection
scheme uses absolute/differential amplitude detection method. The detection method and
accumulated period are defined by the ADET_MODE(0x29[3], BANK1) and ADET_FILT
(0x29[2:0], BANK1) register, and the detecting threshold values are defined by ADET_TH
register(0x2C ~ 0x30, BANK1). According to this control bits and its result (audio detected),
Interrupt is generated through the interrupt pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com