Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 27 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 27 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 23Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 24Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 25Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 26Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 27Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 28Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 29Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 30Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 31Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
25/125
4-CH AHD2.0 RX and 9-CH Audio Codec
2.11. Video Frame Control
The NVP6124 supports that a frame control of video output. So it is function that the decoder
’s
output masking by the EAV/SAV make to blank region. If set to FRM_NRT_ON is High, so output
finally which set by FRM_NRT_SEQ[29:0] that each a bit of FRM_NRT_SEQ[29:0] match to
each a frame. And the FRM_NRT_SEQ rotates continuous then to end from
FRM_NRT_SEQ[0] to FRM_NRT_SEQ[29]. If the FRAME_NRT_SEQ bit set to Low, a apply
frame has blank region. So, It received back-end device nothing to do because is not active
region.
SAV
FRM#1
CH
1
SAV
SAV
FRM#2
CH
1
FRM#3
CH
1
FRM#4
CH
1
FRM#1
CH
1
BLANK
CH
1
FRM#3
CH
1
BLANK
CH
1
SAV
SAV
SAV
FRAME_NRT_SEQ
[0] = HIGH
[1] = HIGH
[2] = HIGH
[3] = HIGH
[29:4]
FRAME_NRT_SEQ
[0] = HIGH
[1] = LOW
[2] = HIGH
[3] = LOW
[29:4]
Figure 2.17. Method for Control Video Frame
2.12. Motion Detector
NVP6124 supports 4-Channels motion detection function. It supports the output of the detected
motion information on the screen. The function allows a screen such as the one shown in Figure
2.18. to be divided in 192 sections each of which can generate information on the motion
detection information.
For each section, motion detection can be controlled to be set at on/off. Once a motion is
detected, the screen can be rendered dark or reversed in the unit of field to have the spot of the
motion generated to be indicated in the screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com