Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 29 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 29 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 25Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 26Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 27Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 28Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 29Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 30Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 31Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 32Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 33Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
27/125
4-CH AHD2.0 RX and 9-CH Audio Codec
3. Audio Codec
3.1. Description
NVP6124 outputs PCM digital audio signals converted from analog audio input signals and
analog audio signals converted from PCM digital audio signals. NVP6124 has 9 channels ADC
and 1 channel DAC for audio signal.
Audio data convert to G.711 PCM and Linear PCM data, and these converted data is outputted
via DSP/SSP/I2S interfaces. The output data will be saved at hard disk or any other storages.
This process - to convert and save audio data into storage - is usually called as "Record Output".
The saved audio data is inputted to NVP6124 via DSP/SSP/I2S interfaces. The input audio data
is outputted via audio DAC. This process is named as "Playback Output".
NVP6124 selects one audio input signal among 9 analog audio input(8-Ch Audio/1-Ch mic) and
this audio is outputted through audio ADC and audio DAC. And it also supports directly mixed
audio output signal which 9 analog audio inputs are mixed. This function usually is called by
"Live Output".
In addition, NVP6124 supports audio mute detection and cascade function up to 2 chips - 18
audio channels(16-Ch Audio/2-Ch mic)
3.2. Record Output
Analog audio data is converted to PCM data and this data is outputted to the other NVP6124 or
other IC via DSP/SSP/I2S interfaces. Record output is useful function to save compressed audio
data into storage. Analog audio signal is finally outputted to ADATA_REC pin used for data of
each channel and ADATA_SP pin used for one mixed signal of each channel's data. The output
data from ADATA_SP pin is either same data of ADATA_REC pin or mixed signal of each
channel's data.
PCM data is categorized based on sampling frequency, sampling data bit width and PCM
method. G.711 (A-law/Mu-law), unsigned linear PCM and linear PCM are supported. 8KHz /
16KHz and 8bit/16bit are used for sampling frequency and sampling data bit width, respectively.
Refer the following table when you set the register value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com