Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 92 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 92 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 88Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 89Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 90Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 91Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 92Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 93Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 94Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 95Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 96Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
90/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Interrupt clear for Status Registers
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0xC8
RD_STATE_CLR
[7]
0x90
0x90
RD_STATE_CLR
: Interrupt clear condition selection
0
:
Interrupt clear when BANK0, 0xC0~0xC6 Addr Register Read
1
:
Interrupt clear when BANK0, 0xB8~0xBE / 0xC0~0xC6 Addr Register
Read
STATE_HOLD
[4]
STATE_HOLD
: Interrupt Hold condition selection
0
:
No Hold Option, State is Real Time update.
1
:
Hold Option operation. State is Hold until cleared
Registers to control IRQ
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0xC9
IRQ_INV
[3]
0x00
0x00
IRQ_INV
: IRQ pin output signal inversion
0
:
Not Inversion
1
:
Inversion
IRQ_SEL
[2:0]
IRQ_SEL
: Select IRQ pin output signals selection
When IRQ_MSB(BANK1,0xB2[0]) = 0,
0
:
0 (Zero)
1
:
interrupt request by the No video detection
2
:
interrupt request by the Mute detection
3
:
interrupt request by the Motion detection
4
:
interrupt request by the Black detection
5
:
interrupt request by the White detection
6
:
ALINKO
7
:
BNCO
When IRQ_MSB(BANK1,0xB2[0]) = 1,
0
:
Novid | Motion interrupt request
1
:
Novid | Black interrupt request
2
:
Novid | White interrupt request
3
:
Black | White interrupt request
4
:
Black | Motion interrupt request
5
:
White | Motion interrupt request
6
:
Novid | Motion | Black interrupt request
7
:
Black | White | Motion interrupt request
Registers to Show the Detect MODE (Read Only)
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0xD0
MODE_DET_CH1
[7:0]
Read
Read
MODE_DET_CHx
: MODE Detecting Status ( x =
channel number )
0xD1
MODE_DET_CH2
00
:
No Detecting
01
:
SD NTSC MODE
02
:
SD PAL MODE
04
:
AHD 30P MODE
08
:
AHD 25P MODE
10
:
AHD 60P MODE
20
:
AHD 50P MODE
40
:
AFHD 30P MODE
80
:
AFHD 25P MODE
0xD2
MODE_DET_CH3
0xD3
MODE_DET_CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com