Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 37 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 37 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 33Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 34Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 35Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 36Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 37Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 38Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 39Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 40Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 41Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
35/125
4-CH AHD2.0 RX and 9-CH Audio Codec
4. Coaxial Protocol
NVP6124 includes Coaxial Protocol generator that sends control signal from a controller to a pan
and tilt, receiver driver, or camera and lens on the video signal. NVP6124 supports Protocol for
CVBS/COMET(PELCO) & AHD(A-CP). It depends on Coaxial Cable impedance characteristic. This
document presents the concept of Coaxial Protocol. Coaxitron is Pelco’s name for a method of
sending control signaling from a controller to a pan and tilt, receiver driver, or camera and lens on
the video signal (Known
as “Up The Coax” or “UTC”)
4.1. PELCO PROTOCOL
There are two types of Coaxitron command structures. One type, Standard Coaxitron,. is a series
of 15 pulses, or data bits, that are sent within video line 18 of a video field. The other type, Extended
Coaxitron, is a series of 32 pulses, where 16 pulses are sent in line 18 and 16 pulses in line 19 of a
video field. Refer to Figure 4.1. No pulses are sent when the system is in an idle state
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Figure 4.1. Coaxitron Active line
Coaxitron is a pulse width modulated (PWM) That is inserted into video vertical blanking interval.
A
2us pulse represents a one(1) and a 1us pulse represents a zero(0). There is a start bit (always high
level), a data bit (low or high level) and a stop bit (always low level).
Refer to Figure 4.2. and Figure 4.3.
1us
1us
1us
3us
Start
Data
Stop
Figure 4.2. Description of One Coaxitron Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com