Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 97 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 97 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 93Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 94Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 95Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 96Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 97Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 98Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 99Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 100Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 101Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
95/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Audio Interface
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x06
CAS_PB
[7]
0x1B
0x1B
CAS_PB
: The Usage of Playback Data when Cascade Mode
0
:
use multiple playback data, received through all stage
1
:
use single playback data, received through last stage
TRANS_MODE
[6]
TRANS_MODE
: Control the phase between transferred clock and cascade data
0
:
Same phase
1
:
Inverted phase
CAS_PIN
[4]
CAS_PIN
: Control the usage of ADATA_CASI and ADATA_CASO as cascade
transmitting
0
:
Don't Use
1
:
Use
CHIP_STAGE
[1:0]
CHIP_STAGE
: Selection of chip state for cascade
0
:
middle stage
2
:
first stage
1
:
last stage
3
:
single chip operation
0x07
RM_MASTER
[7]
0xC8
0xC8
RM_MASTER
: Selection of master & slave mode of ACLK_REC and ASYNC_REC
0
:
Slave mode operation
1
:
Master mode operation
RM_CLK
[6]
RM_CLK
: Set the relationship between audio signal outputted to ADATA_REC
and clock outputted to ACLK_REC
0
:
inverted clock
1
:
non-inverted clock
RM_BITRATE
[5:4]
RM_BITRATE
: Set the bit rate of audio signal outputted to ADATA_REC
0
:
256fs
2
:
320fs
1
:
384fs
3
:
Don
’t Use
RM_SAMRATE
[3]
RM_SAMRATE
: Set the sampling rate of data outputted to ADATA_REC
0
:
8KHz
1
:
16KHz
RM_BITWID
[2]
RM_BITWID
: Set the bit width of data outputted to ADATA_REC
0
:
16bits
1
:
8bits
RM_SSP
[1]
RM_SSP
: Selection of DSP mode and SSP mode for ADATA_REC pin,
when ASYNC_REC is DSP mode.
0
:
DSP mode
1
:
SSP mode
RM_SYNC
[0]
RM_SYNC
: Set the sync's mode inputted/outputted to ASYNC_REC.
0
:
I2S mode
1
:
DSP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com