Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 9 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 9 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 5Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 6Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 7Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 8Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 9Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 10Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 11Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 12Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 13Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
7/125
4-CH AHD2.0 RX and 9-CH Audio Codec
1.2 Pin Description
Name
Pin number
Type
Descriptions
System Clock / Reset
RSTB
79
DI
System Reset (Active low)
SYS_CLK
47
DI
OSC Input (27MHz)
Analog Video Input Interface
VIN1, VIN2, VIN3, VIN4
12,
14,
16,
18
AI
Analog Video Input
(1 ~ 4 Respectively)
Analog Audio Input/output Interface
AIN1, AIN2, AIN3, AIN4
AIN5, AIN6, AIN7, AIN8
24,
28,
25,
29,
26,
36,
27,
37
AI
Analog Audio Input
(1 ~ 8 Respectively)
MICIN
39
AI
Mic Input
AOUT
42
AO
Analog Audio Output
COMP
41
A
Audio DAC Compensation pin.
REXT
40
A
Audio DAC external resistor pin
Digital Video Interface
VDO1[7:0]
9,
5,
8,
4,
7,
3,
6,
2
O
Video Port 1 Output
VDO2[7:0]
121,
117,
120,
116,
119,
115,
118,
114
O
Video Port 2 Output
VDO3[7:0]
110,
106,
109,
105,
108,
104,
107,
103
O
Video Port 3 Output
VDO4[7:0]
91,
87,
90,
86,
89,
85,
88,
84
O
Video Port 4 Output
VCLK1,VCLK2,
VCLK3,VCLK4
1,
113,
102,
83
O
Video Clock Output
(1 ~ 4 Respectively)
ETC
TEST
80
I
Chip Test Pin (Connect to Ground)
IRQ
73
O
Interrupt Request Output
MPP1,MPP2,MPP3,MPP4
82,
111,
112,
92
O
Multi-Purpose Pin Output1
COAX_1, COAX_2,
COAX_3, COAX_4
123,
19,
20,
21
O
Coaxial Communication Signal Output
MPP_S1, MPP_S2,
49,
50,
O
Multi-Purpose Pin Output2
MPP_S3, MPP_S4,
51,
57,
MPP_S5, MPP_S6,
58,
59,
MPP_S7
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com