Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 24 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 24 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 20Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 21Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 22Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 23Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 24Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 25Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 26Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 27Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 28Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
22/125
4-CH AHD2.0 RX and 9-CH Audio Codec
■ Example of 148.5MHz(960H) D1 Data Output Mode with Channel ID
1. In case of VDO1 output port and VCLK1 output clock use.
2. Set VDO1 output(CH_OUT_SEL1,BANK1,0xC8[3:0] = 0x8) and VCLK1 output (VCLK1_SEL,
BANK1,0xCC[6:4] = 0x6 or 0x7) .
3. Set Channel ID Type (Refer to CHID_TYPE(Bank0, 0x54[2:0]) Register Description)
4. And then NVP6124 generate 148.5MHz(960H) clock and data output (Figure 2.15)
If you want to confirm the 148.5MHz Data using FPGA or Other device, Execute 5~11 item in next page.
NVP6124
VDO1
VCLK01
27MHz clock
input
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH1
CH1
CH1
CH2
CH1
CH2
CH1
CH3
CH1
CH3
CH1
CH4
CH1
CH4
CH1
148.5MHz data output
148.5MHz clock
148.5MHz data output
37.125MHz data
VIN1
VIN2
VIN3
VIN4
CH1
CH2
CH3
CH4
Figure 2.15. NVP6124 generate 148.5MHz(960H) clock and data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com