Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 95 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 95 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 91Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 92Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 93Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 94Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 95Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 96Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 97Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 98Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 99Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
93/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Show FLD & BW Status (Read Only)
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0xF1
FLD_04
[7:6]
Read
Read
* This read register is not apply to the AHD mode.
(apply to only SD MODE)
FLD_0x
: Field Detection status (x =
channel number)
FLD [0] =
0
:
Odd Field
1
:
Even Field
FLD [1] =
0
:
Not detect Standard
1
:
Detect Standard
FLD_03
[5:4]
FLD_02
[3:2]
FLD_01
[1:0]
0xF3
BW_04
[3]
Read
Read
BW_0x
: Black / White Detection status (x =
channel number)
0
:
Color
1
:
B/W
BW_03
[2]
BW_02
[1]
BW_01
[0]
Registers to Show Chip Status (Read Only)
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0xF4
DEV_ID
[7:0]
Read
Read
DEV_ID
: It shows Device ID (NVP6124 = 0x84)
0xF6
CMP_VALUE
[7:0]
Read
Read
CMP_VALUE
: Show the value for CLAMP about Channel selected by CMP_AGC_CH
register
0xF7
AGC_VALUE
[7:0]
Read
Read
AGC_VALUE
: Show the value for AGC
about Channel selected by CMP_AGC_CH
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com