Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 100 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 100 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 96Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 97Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 98Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 99Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 100Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 101Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 102Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 103Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 104Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
98/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Audio Interface
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x14
PB_BIT_SWAP
[7]
0x00
0x00
PB_BIT_SWAP
: Set the bit sequence of Audio Data for ADATA_PB
0
:
MSB first
1
:
LSB first
PB_SEL
[4:0]
PB_SEL
: select the audio input channel for playback input
00
:
channel 01
02
:
channel 03
04
:
channel 05
06
:
channel 07
08
:
channel 09
0A
:
channel 11
0C
:
channel 13
0E
:
channel 15
10
:
Mic input 1
01
:
channel 02
03
:
channel 04
05
:
channel 06
07
:
channel 08
09
:
channel 10
0B
:
channel 12
0D
:
channel 14
0F
:
channel 16
11
:
Mic input 2
0x15
PB_FORMAT
[7:6]
0x00
0x00
PB_FORMAT
: Define the data format inputted to ADATA_PB
0
:
linear
PCM
2
:
G.711
format
1
:
Unsigned
linear
PCM
3
:
Don
’t Use
PB_LAW_SEL
[3]
PB_LAW_SEL
: Define the G.711 data format inputted to ADATA_PB
0
:
u-law
1
:
a-law
Registers to Control Audio Mixing Gain
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x16
MIX_RATIO_01
[3:0]
0x88
0x88
MIX_RATIO_x
: Set the mixing gain for AIN1-15. ( x =
channel 1~16
)
MIX_RATIO_02
[7:4]
0x17
MIX_RATIO_03
[3:0]
MIX_RATIO_04
[7:4]
0x18
MIX_RATIO_05
[3:0]
MIX_RATIO_06
[7:4]
0x19
MIX_RATIO_07
[3:0]
MIX_RATIO_08
[7:4]
0x1A
MIX_RATIO_09
[3:0]
MIX_RATIO_10
[7:4]
0
:
mute
2
:
0.31
4
:
0.5
6
:
0.75
8
:
1.0
10
:
1.5
12
:
2.0
14
:
2.5
1
:
0.25
3
:
0.38
5
:
0.63
7
:
0.88
9
:
1.25
11
:
1.75
13
:
2.25
15
:
2.75
0x1B
MIX_RATIO_11
[3:0]
MIX_RATIO_12
[7:4]
0x1C
MIX_RATIO_13
[3:0]
MIX_RATIO_14
[7:4]
0x1D
MIX_RATIO_15
[3:0]
MIX_RATIO_16
[7:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com