Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 3 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 3 Page - NEXTCHIP Co,Ltd

  VC0736 Datasheet HTML 1Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 2Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 3Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 4Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 5Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 6Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 7Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 8Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 9Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
1/125
4-CH AHD2.0 RX and 9-CH Audio Codec
4-CH AHD2.0 RX and 9 CH-Audio Codec
NVP6124 include 4-Channels AHD2.0 RX and 9-Channels Audio Codec. It is sure that compatible
with AHD1.0. The 4-Channels AHD2.0 RX delivers high quality images. It accepts separate 4
CVBS/COMET/AHD1.0/AHD2.0 inputs from Camera and the other video signal sources. It digitizes
and decodes NTSC/PAL/COMET/AHD1.0/AHD2.0 video signal into digital video components which
represents 8-bit BT.656/1120(like) 4:2:2 byte interleave format with 27/36/37.125/54/72/74.25
/108/144/148.5MHz multiplexed. The NVP6124 includes Clock PLL, so 27/36/37.125/54/72/74.25
/108/144/148.5MHz byte-interleave function available. Especially, It is able to use same
transmission cable with conventional one for COMET(SD level), AHD1.0 (HD level) and AHD 2.0
(Full HD level), and they provide the superior image quality by minimizing the interference when
separating Y and C.
The 9-Channels Audio Codec is 8-Channels Voice/1-Channel Mic PCM Codec which handles
voice band signals(300Hz~3400Hz) with 8bit/16bit linear PCM, 8bit G.711(u-law, a-law) PCM.
Built-in audio controller can generate digital outputs for recording/mixing and accepts digital input for
playback.
The 4-Channels Coaxial Communication Protocol communicates between controller(DVR) and
camera on the video signal through coaxial cable. It was includes Tx for transfer especially signals
thought coaxial cable and Rx for receives especially signals to keep informed a user by control
registers.
Features
 AHD2.0 4CH RX
-. AHD2.0 RX which accepts 4-CVBS/COMET/720P@25p/30p(AHD1.0)/
720P@50p/60p(AHD2.0)/
1080P@25p/30p(AHD2.0)
-. Output in BT.656/1120(like) 4:2:2 byte interleave format with
27/36/37.125/54/72/74.25/108/144/148.5MHz
-. Support 4*Video Output Port, Each Port Video Output Format Selectable
-. Support Video Standard Auto-Detection for Each a Channel by Status
-. On Chip Analog CLAMP, Anti-aliasing Filter and Equalizer Filter
-. Accepts NTSC-M/J/4.43, PAL-B/D/G/H/I/K/L/M/N/60, COMET,
720P @25p/30p/50p/60p, 1080P@25p/30p
-. Robust Sync detection for weak and unstable signals
-. High-performance adaptive comb filter and Notch Filter
-. Programmable H/V Peaking filter for Luminance
-. CTI (Chrominance Transient Improvement)
-. Color compensation for PAL
-. IF compensation filter
-. Robust No-video detection
-. Programmable Brightness, Contrast, Saturation and Hue
-. Programmable Picture Quality Control
-. Programmable Gamma Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com