Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0736 Datasheet(PDF) 19 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 19 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 15Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 16Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 17Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 18Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 19Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 20Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 21Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 22Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 23Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
17/125
4-CH AHD2.0 RX and 9-CH Audio Codec
2.9.2. Video Output Timing Information
The AHD2.0 output timing like with SD resolution. But some synchronous signals difference
with SD resolution as Field information that does not separated EVEN/ODD field. There is next
sentence shown timing diagram point of video output.
2.9.2.1
720P@ 30P/25P, 60P/50P H/V Timing
FF
00
00
XY
10
80
C
B
0
Y
0
C
R
0
Y
1
C
B
2
Y
2
C
R
2
Y
3
C
R
639
Y
1279
FF
00
00
XY
FF
H Blank Signal
EAV Code
Blanking
SAV Code
Start of Digital Line
Start of Digital Active Line
4
732 / 1392
4
2560
3300 / 3960
Next
Line
4:2:2
Digital
Video
CH1
DATA
10
80
10
80
CH1 CLK
74.25MHz for 720P @25/30P
148.5MHz for 720P @50/60P
Figure 2.8. 720P@30P/25P, 60P/50P Horizontal Timing Diagram
Figure 2.9. 720P@30P/25P, 60P/50P Vertical Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com