Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

072N10N Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

072N10N Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # 072N10N
Download  072N10N Download
File Size   693.81 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100V N-Channel MOSFET

072N10N Datasheet (PDF)

Go To PDF Page Download Datasheet
072N10N Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # 072N10N
Download  072N10N Click to download

File Size   693.81 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100V N-Channel MOSFET

072N10N Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


072N10N Product details

Features
* N-channel, normal level
* Very low on-resistance Rps(on)
*175 °C operating temperature
* Pb-free lead plating; RoHS compliant
* Ideal for high-frequency switching and synchronous rectification
* ps =100V
* Ip (at Vgs=10V)=80A
* Rps(on)(at Ves=10V) < 7.2mQ




Similar Part No. - 072N10N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
072N10N INFINEON-072N10N Datasheet
317Kb / 10P
OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-21
More results


Similar Description - 072N10N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com