Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAM-240S670SB Datasheet (PDF) - Inventronics Inc.

EAM-240S670SB Datasheet PDF - Inventronics Inc.
Part # EAM-240S670SB
Download  EAM-240S670SB Download
File Size   653.17 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W AOC IP66/IP67 Driver with 440Vac Protection

EAM-240S670SB Datasheet (PDF)

Go To PDF Page Download Datasheet
EAM-240S670SB Datasheet PDF - Inventronics Inc.

Part # EAM-240S670SB
Download  EAM-240S670SB Click to download

File Size   653.17 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W AOC IP66/IP67 Driver with 440Vac Protection

EAM-240S670SB Datasheet (HTML) - Inventronics Inc.


EAM-240S670SB Product details

Features
 Compact Metal Case with Excellent Thermal Performance
 Input Over Voltage Protection at 440Vac with 48 Hours
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Potentiometer
 Non-dimming Control
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: IOVP, OVP, SCP, OTP
 IP66/IP67
 SELV Output
 5 Years Warranty
Description
The EAM-240SxxxSB series is a 240W, constant-current, AOC LED driver that operates from 90-305Vac input
with excellent power factor. It is created for many lighting applications including high bay, high mast and roadway,
etc. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
input over voltage, output over voltage, short circuit, and over temperature.




Similar Part No. - EAM-240S670SB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EAM-240S670DB INVENTRONICS-EAM-240S670DB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
More results


Similar Description - EAM-240S670SB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-075SXXXSB INVENTRONICS-DS-EAM-075SXXXSB Datasheet
546Kb / 11P
75W A OC IP66/IP67 Driver with 440Vac Protection
Rev. C
DS-EAM-100SXXXSB INVENTRONICS-DS-EAM-100SXXXSB Datasheet
546Kb / 10P
100W AOC IP66/IP67 Driver with 440Vac Protection
Rev. C
DS-EAM-200SXXXSB INVENTRONICS-DS-EAM-200SXXXSB Datasheet
699Kb / 12P
200W AOC IP66/IP67 Driver with 440Vac Protection
Rev . B
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-EDC-100S105SV2 INVENTRONICS-DS-EDC-100S105SV2 Datasheet
458Kb / 8P
100W AOC IP66/IP67
Rev.B
DS-EDC-150S105SV2 INVENTRONICS-DS-EDC-150S105SV2 Datasheet
482Kb / 8P
150W AOC IP66/IP67
Rev.A
DS_EAM-150SXXXSB INVENTRONICS-DS_EAM-150SXXXSB Datasheet
619Kb / 13P
150W A OC IP66/IP67 Driver with 440Vac Protection
Rev. E
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUW-240DXXXDX INVENTRONICS-EUW-240DXXXDX Datasheet
874Kb / 19P
240W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com