Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBS-040S045DT2 Datasheet (PDF) - Inventronics Inc.

EBS-040S045DT2 Datasheet PDF - Inventronics Inc.
Part # EBS-040S045DT2
Download  EBS-040S045DT2 Download
File Size   748.72 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Class I/II Programmable IP20 Driver

EBS-040S045DT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS-040S045DT2 Datasheet PDF - Inventronics Inc.

Part # EBS-040S045DT2
Download  EBS-040S045DT2 Click to download

File Size   748.72 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 40W Class I/II Programmable IP20 Driver

EBS-040S045DT2 Datasheet (HTML) - Inventronics Inc.


EBS-040S045DT2 Product details

Features
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with NFC
 Isolated 1-10V/3-Timer-Modes Dimmable
 Output Lumen Compensation
 End-of-Life Indicator
 Long Lifetime Over 100K Hours at 75°C Case Temperature
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP20 Design and Suitable for Outdoor Applications in
Luminaires with IP>54
 SELV Output
 Suitable for Luminaires with Protection Class I and II
 Complies with Zhaga Interface Specification Book 13
 8 Years Warranty
Description
The EBS-040SxxxDT2 series is a 40W, constant-current, NFC programmable and IP20 rated LED driver that
operates from 176-305Vac input with excellent power factor. It was created for many lighting applications including
street, tunnel and low bay, etc. The high efficiency of these drivers and better thermal design enable them to run
cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EBS-040S045DT2

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EBS-040S045BT2 INVENTRONICS-EBS-040S045BT2 Datasheet
682Kb / 14P
40W Class I/II NFC Driver with DALI-2 and D4i
Rev.C
More results


Similar Description - EBS-040S045DT2

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBS-040SXXXBT2 INVENTRONICS-DS-EBS-040SXXXBT2 Datasheet
682Kb / 14P
40W Class I/II NFC Driver with DALI-2 and D4i
Rev.C
DS-EBS-080SXXXDT2 INVENTRONICS-DS-EBS-080SXXXDT2 Datasheet
607Kb / 12P
80W Class I/II Programmable IP20 Driver
Rev.C
DS-EBS-120SXXXDT2 INVENTRONICS-DS-EBS-120SXXXDT2 Datasheet
694Kb / 12P
120W Class I/II Programmable IP20 Driver
Rev.A
DS-EBS-165SXXXDT2 INVENTRONICS-DS-EBS-165SXXXDT2 Datasheet
684Kb / 13P
165W Class I/II Programmable IP20 Driver
Rev.A
LUD-040SXXXDSF INVENTRONICS-LUD-040SXXXDSF Datasheet
622Kb / 13P
40W Programmable IP20 Driver
Rev. H
EUD-200SXXXDD INVENTRONICS-EUD-200SXXXDD Datasheet
1Mb / 12P
200W Class II Programmable IP67 Driver
Rev. F
LLC-040SXXXRSP INVENTRONICS-LLC-040SXXXRSP Datasheet
220Kb / 8P
40W Constant Current IP20 Driver
Rev. C
LUC-040S060RSP INVENTRONICS-LUC-040S060RSP Datasheet
227Kb / 7P
40W Constant Current IP20 Driver
Rev. B
LUD-040SXXXBSF INVENTRONICS-LUD-040SXXXBSF Datasheet
1Mb / 12P
40W Programmable IP20 Driver with DALI
Rev. E
LUG-040SXXXDTE INVENTRONICS-LUG-040SXXXDTE Datasheet
1Mb / 12P
40W Programmable IP20 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com