Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBV-060S036SV Datasheet (PDF) - Inventronics Inc.

EBV-060S036SV Datasheet PDF - Inventronics Inc.
Part # EBV-060S036SV
Download  EBV-060S036SV Download
File Size   575.48 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Constant Voltage IP67 Driver

EBV-060S036SV Datasheet (PDF)

Go To PDF Page Download Datasheet
EBV-060S036SV Datasheet PDF - Inventronics Inc.

Part # EBV-060S036SV
Download  EBV-060S036SV Click to download

File Size   575.48 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 60W Constant Voltage IP67 Driver

EBV-060S036SV Datasheet (HTML) - Inventronics Inc.


EBV-060S036SV Product details

Features
Description
The EBV-060SxxxSV series is a 60W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage. The high efficiency of the driver and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.
 High Efficiency (up to 90.5%)
 Constant Voltage Output
 No-Load Power < 0.5 W
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: OCP, OVP, SCP, OTP
 IP67
 SELV Output
 5 Years Warranty




Similar Part No. - EBV-060S036SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EBV-060S036SVF INVENTRONICS-EBV-060S036SVF Datasheet
348Kb / 8P
60W Constant Voltage IP67 Driver
Rev. B
More results


Similar Description - EBV-060S036SV

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
60W Constant Voltage Constant Current LED Driver
logo
Inventronics Inc.
DS-EBV-060SXXXSVF INVENTRONICS-DS-EBV-060SXXXSVF Datasheet
348Kb / 8P
60W Constant Voltage IP67 Driver
Rev. B
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EBC-060SXXXDV-000X INVENTRONICS-EBC-060SXXXDV-000X Datasheet
998Kb / 10P
60W Constant Current IP67 Driver
Rev. D
EUC-060SXXXST INVENTRONICS-EUC-060SXXXST Datasheet
534Kb / 7P
60W Constant Current IP67 Driver
Rev. M
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
60W Constant Current IP67 Driver
Rev. M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com