Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-EBV-500SXXXST Datasheet (PDF) - Inventronics Inc.

DS-EBV-500SXXXST Datasheet PDF - Inventronics Inc.
Part # DS-EBV-500SXXXST
Download  DS-EBV-500SXXXST Download
File Size   428.75 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 500W Constant Voltage IP67 Driver

DS-EBV-500SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-EBV-500SXXXST Datasheet PDF - Inventronics Inc.

Part # DS-EBV-500SXXXST
Download  DS-EBV-500SXXXST Click to download

File Size   428.75 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 500W Constant Voltage IP67 Driver

DS-EBV-500SXXXST Datasheet (HTML) - Inventronics Inc.


DS-EBV-500SXXXST Product details

Features
Description
The EBV-500SxxxST series is a 500W, constant-voltage IP67 LED driver that operates from 176-305 Vac input
with excellent power factor. It is created for many lighting applications including high bay, high mast, arena and
roadway, etc. The high efficiency of these drivers enables them to run cooler, significantly improving reliability
and extending product life. To ensure trouble-free operation, protection is provided against input surge, output
short circuit, over temperature, over voltage, and over current.
 Ultra High Efficiency (Up to 95.0%)
 Constant Voltage Output
 Input surge protection: DM 4kV, CM 6kV
 All-Around Protection: SCP, OTP, OVP, OCP
 IP67 and UL Dry / Damp / Wet Location
 SELV Output
 TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
 5 Years Warranty




Similar Part No. - DS-EBV-500SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-048SXXXSVF INVENTRONICS-DS-EBV-048SXXXSVF Datasheet
348Kb / 8P
48W Constant Voltage IP67 Driver
Rev. B
DS-EBV-060SXXXSV INVENTRONICS-DS-EBV-060SXXXSV Datasheet
575Kb / 10P
60W Constant Voltage IP67 Driver
Rev. C
DS-EBV-060SXXXSVF INVENTRONICS-DS-EBV-060SXXXSVF Datasheet
348Kb / 8P
60W Constant Voltage IP67 Driver
Rev. B
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
More results


Similar Description - DS-EBV-500SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-036SXXXSVF INVENTRONICS-DS-EBV-036SXXXSVF Datasheet
327Kb / 8P
36W Constant Voltage IP67 Driver
Rev. B
DS-EBV-072SXXXSVF INVENTRONICS-DS-EBV-072SXXXSVF Datasheet
350Kb / 8P
72W Constant Voltage IP67 Driver
Rev. B
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
ETV-500SXXXST INVENTRONICS-ETV-500SXXXST Datasheet
220Kb / 7P
500W Constant Voltage IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com