Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-300SXXXST Datasheet (PDF) - Inventronics Inc.

EUV-300SXXXST Datasheet PDF - Inventronics Inc.
Part # EUV-300SXXXST
Download  EUV-300SXXXST Download
File Size   385.66 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 300W Constant Voltage IP67 Driver

EUV-300SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-300SXXXST Datasheet PDF - Inventronics Inc.

Part # EUV-300SXXXST
Download  EUV-300SXXXST Click to download

File Size   385.66 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 300W Constant Voltage IP67 Driver

EUV-300SXXXST Datasheet (HTML) - Inventronics Inc.


EUV-300SXXXST Product details

Features
High Efficiency (Up to 93%)
Constant Voltage Output
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OVP, OCP, SCP, OTP
IP67 and UL Dry/Damp/Wet Location
SELV Output
TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified) Location
5 Years Warranty
Description
The EUV-300SxxxST series is a 300W, constant-voltage LED driver that operates from 90-305 Vac input with
excellent power factor. It is created for many lighting applications including high bay, high mast, sports and
roadway. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, output over voltage, over current, short circuit, and over temperature.




Similar Part No. - EUV-300SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
More results


Similar Description - EUV-300SXXXST

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
300W Constant Voltage Constant Current LED Driver
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
300W Constant Voltage Constant Current LED Driver
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
300W Constant Voltage IP67 Driver
Rev. O
ESV-300SXXXST INVENTRONICS-ESV-300SXXXST Datasheet
164Kb / 7P
300W Constant Voltage IP67 Driver
Rev. O
ETV-300SXXXST INVENTRONICS-ETV-300SXXXST Datasheet
201Kb / 8P
300W Constant Voltage IP67 Driver
Rev. G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com