Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-150S070DVL Datasheet (PDF) - Inventronics Inc.

EUD-150S070DVL Datasheet PDF - Inventronics Inc.
Part # EUD-150S070DVL
Download  EUD-150S070DVL Download
File Size   765.5 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Programmable Driver with Ultra Long Lifetime

EUD-150S070DVL Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-150S070DVL Datasheet PDF - Inventronics Inc.

Part # EUD-150S070DVL
Download  EUD-150S070DVL Click to download

File Size   765.5 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Programmable Driver with Ultra Long Lifetime

EUD-150S070DVL Datasheet (HTML) - Inventronics Inc.


EUD-150S070DVL Product details

Features

Innovative Design with No Electrolytic Capacitors
Ultra Long Lifetime: Greater than 100,000 hrs at 85C Case
Temperature
Full Power at Wide Output Current Range (Constant Power)
0-10V/PWM/3-Timer-Modes Dimmable
Dim-to-Off with Standby Power ≤ 0.5W
Always-on Auxiliary Power: 12Vdc, 200mA
Thermal Sensing and Protection for LED Module
Output Lumen Compensation
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: OVP, SCP, OTP
IP67
SELV Output
10 Years Warranty
Description
The EUD-150SxxxDVL series is a novel 150W design that has removed the use of Electrolytic capacitors to extend
lifetime at elevated temperatures. It is a constant-current, programmable LED driver that operates from 90-305Vac
input with excellent power factor. Created for many lighting applications including high bay, tunnel and roadway,
etc, it provides a dim-to-off mode with low standby power. The high efficiency of these drivers and compact metal
case enables them to run cooler, significantly improving reliability and extending product life. To ensure troublefree
operation, protection is provided against input surge, output over voltage, short circuit, and over temperature
of both the driver and the external LED array.




Similar Part No. - EUD-150S070DVL

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150S105BTA INVENTRONICS-EUD-150S105BTA Datasheet
698Kb / 14P
150W Progr ammable IP67 Driver
Rev.B
EUD-150S105BVA INVENTRONICS-EUD-150S105BVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
EUD-150S105DDA INVENTRONICS-EUD-150S105DDA Datasheet
1Mb / 11P
150W Class II Programmable IP67 Driver
Rev.C
EUD-150S105DTA INVENTRONICS-EUD-150S105DTA Datasheet
698Kb / 14P
150W Progr ammable IP67 Driver
Rev.B
EUD-150S105DVA INVENTRONICS-EUD-150S105DVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
More results


Similar Description - EUD-150S070DVL

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
96W Programmable Driver with Ultra Long Lifetime
Rev.C
EUD-096SXXXDVL INVENTRONICS-EUD-096SXXXDVL Datasheet
695Kb / 13P
96W Programmable Driver with Ultra Long Lifetime
Rev.B
EUD-150SXXXDVABVA INVENTRONICS-EUD-150SXXXDVABVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
EUD-240SXXXDTL INVENTRONICS-EUD-240SXXXDTL Datasheet
895Kb / 14P
240W Pr ogrammable Driver with Ultra Long Lifetime
Rev. B
EUG-150SXXXDT INVENTRONICS-EUG-150SXXXDT Datasheet
1,023Kb / 15P
150W Programmable IP67 Driver
Rev. F
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-150SXXXDT INVENTRONICS-EUD-150SXXXDT Datasheet
1Mb / 12P
150W Programmable IP67 Driver
Rev. F
EUK-150SXXXDV INVENTRONICS-EUK-150SXXXDV Datasheet
2Mb / 14P
150W Programmable IP67 Driver
Rev.E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com