Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-042S035PS Datasheet (PDF) - Inventronics Inc.

EUC-042S035PS Datasheet PDF - Inventronics Inc.
Part # EUC-042S035PS
Download  EUC-042S035PS Download
File Size   615.98 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP66 Driver

EUC-042S035PS Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-042S035PS Datasheet PDF - Inventronics Inc.

Part # EUC-042S035PS
Download  EUC-042S035PS Click to download

File Size   615.98 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 42W Constant Current IP66 Driver

EUC-042S035PS Datasheet (HTML) - Inventronics Inc.


EUC-042S035PS Product details

Features
High Efficiency (Up to 90%)
Second Generation with Improved Performance
Active Power Factor Correction (Typical 0.95)
Constant Current Output
IP66 and UL Dry/Damp Location
Dimming Control
All-Around Protection: OVP, SCP, OLP, OTP
SELV & Class 2
UL Type TL (Temperature Limited)

Description
The EUC-042SxxxDS(PS) series operates from a 90 ~ 305 Vac input range. They are designed to be highly efficient and highly reliable. Features include dimming control, over voltage protection, short circuit protection, over load protection, and over temperature protection.




Similar Part No. - EUC-042S035PS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-042S035DTM INVENTRONICS-EUC-042S035DTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
EUC-042S035DVM INVENTRONICS-EUC-042S035DVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
EUC-042S035STM INVENTRONICS-EUC-042S035STM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
EUC-042S035SVM INVENTRONICS-EUC-042S035SVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
More results


Similar Description - EUC-042S035PS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-026SXXXSTM INVENTRONICS-EUC-026SXXXSTM Datasheet
444Kb / 9P
26W Constant Current IP66 Driver
Rev. G
EUC-035SXXXSTM INVENTRONICS-EUC-035SXXXSTM Datasheet
555Kb / 10P
35W Constant Current IP66 Driver
Rev. E
LUC-042SXXXDSP INVENTRONICS-LUC-042SXXXDSP Datasheet
899Kb / 9P
42W Constant Current IP66 Driver
Rev. D
LUC-042SXXXDSW INVENTRONICS-LUC-042SXXXDSW Datasheet
373Kb / 10P
42W Constant Current IP20 Driver
Rev. C
LUC-048SXXXDSP INVENTRONICS-LUC-048SXXXDSP Datasheet
934Kb / 8P
48W Constant Current IP66 Driver
Rev. C
EBC-042S105DV-000X INVENTRONICS-EBC-042S105DV-000X Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EUC-042S070DSC INVENTRONICS-EUC-042S070DSC Datasheet
332Kb / 9P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDDM INVENTRONICS-EUC-042SXXXDDM Datasheet
1Mb / 9P
42W Class II Constant Current IP66 Driver
Rev. C
EUC-042SXXXDTM INVENTRONICS-EUC-042SXXXDTM Datasheet
973Kb / 10P
42W Constant Current IP66 Driver
Rev. C
EUC-042SXXXDVM INVENTRONICS-EUC-042SXXXDVM Datasheet
949Kb / 9P
42W Constant Current IP67 Driver
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com