Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0500/11 Datasheet (PDF) - CamdenBoss Ltd.

CTBP0500/11 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP0500/11
Download  CTBP0500/11 Download
File Size   382.36 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch low profile rising clamp terminal blocks

CTBP0500/11 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP0500/11 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP0500/11
Download  CTBP0500/11 Click to download

File Size   382.36 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch low profile rising clamp terminal blocks

CTBP0500/11 Datasheet (HTML) - CamdenBoss Ltd.


CTBP0500/11 Product details

Product ove r v i ew
• 2 and 3 pole double interlocking mechanism
for increased strength
• Professional rising clamp terminals
• Low profile
• Moulded in green UL94-V0 flame retardant
PA66
• Cable acceptance - 0.6-1.3mm2 (22-16AWG)
• Guided pin alignment




Similar Part No. - CTBP0500/11

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0508 CAMDENBOSS-CTBP0508 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0508/10 CAMDENBOSS-CTBP0508/10 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0508/11 CAMDENBOSS-CTBP0508/11 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0508/12 CAMDENBOSS-CTBP0508/12 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0508/2 CAMDENBOSS-CTBP0508/2 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
More results


Similar Description - CTBP0500/11

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB6-2 DUBILIER-DBCTB6-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
DBCTB63-2 DUBILIER-DBCTB63-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
logo
CamdenBoss Ltd.
CTB7000 CAMDENBOSS-CTB7000 Datasheet
416Kb / 1P
5mm pitch 36 pole rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
5mm low profile 90° rising clamp terminal blocks
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP9200 CAMDENBOSS-CTBP9200 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBPTDVG CAMDENBOSS-CTBPTDVG Datasheet
391Kb / 1P
5mm triple decker rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com