Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5010 Datasheet (PDF) - NXP Semiconductors

PCA5010 Datasheet PDF - NXP Semiconductors
Part # PCA5010
Download  PCA5010 Download
File Size   627.45 Kbytes
Page   112 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Pager baseband controller

PCA5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA5010 Datasheet PDF - NXP Semiconductors

Part # PCA5010
Download  PCA5010 Click to download

File Size   627.45 Kbytes
Page   112 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Pager baseband controller

PCA5010 Datasheet (HTML) - NXP Semiconductors


PCA5010 Product details

GENERAL DESCRIPTION
The PCA5010 pager baseband controller is manufactured in an advanced CMOS/OTP technology.
The PCA5010 is an 8-bit microcontroller especially suited for pagers. For this purpose, features such as a 4 or 2 level FSK demodulator, filter, clock recovery, protocol timer, DC/DC converter optimized for small paging systems and RTC are integrated on-chip.
The device is optimized for low power consumption. The PCA5010 has several software selectable modes for power reduction: Idle and Power-down mode of the microcontroller and Standby and OFF mode of the DC/DC converter.

FEATURES
• Operating temperature range: −10 to +55 °C
• Supply voltage range with on-chip DC/DC converter: 0.9 to 1.6 V
• Low operating and standby current consumption
• On-chip DC/DC converter generates the supply voltage for the PCA5010 and external circuitry from a single cell battery
• Battery low detector
• Low electromagnetic noise emission
• Full static asynchronous 80C51 CPU (8-bit CPU)
• Recovery from lowest power standby Idle mode to full speed operation within microseconds
• 32 kbytes of One-Time Programmable (OTP) memory and 1.25 kbyte of RAM on-chip
• 27 general purpose I/O port lines (4 ports with interrupt possibility)
• 15 different interrupt sources with selectable priority
• 2 standard timer/event counters T0 and T1
• I2C-bus serial port (single 100/400 kHz master transmitter and receiver)
• Subset of standard UART serial port (8-bit and 9-bit transmission at 4800/9600 bits/s)
• 76.8 kHz crystal oscillator reference with digital clock correction for real time and paging protocol
• Real-Time Clock (RTC)
• Receiver and synthesizer control
   – Receiver control by software through general purpose I/Os
   – Synthesizer control by software through general purpose I/Os
   – 6-bit DAC for AFC to the receiver local oscillator
   – Dedicated protocol timer.
• Decoding of paging data
   – POCSAG or APOC phase 1; advanced high speed paging protocols are also supported
   – Supported data rates: 1200, 1600, 2400, 3125 and 3200 symbols/s using a 76.8 kHz crystal oscillator
   – Demodulation of Zero-IF I and Q, 4 or 2 level FSK input or direct data input
   – Noise filtering of data input and symbol clock reconstruction
   – De-interleaving, error checking and correction, sync word detection address recognition, buffering and more is performed by software
   – All user functions (keypad interface, alerter control, display etc.) are implemented in software.
• Musical tone generator for beeper, controlled by the microcontroller
• Watchdog timer
• 48-pin LQFP package.




Similar Part No. - PCA5010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA5007 PHILIPS-PCA5007 Datasheet
604Kb / 112P
Pager baseband controller
1998 Oct 07
PCA5007H PHILIPS-PCA5007H Datasheet
604Kb / 112P
Pager baseband controller
1998 Oct 07
logo
Adam Technologies, Inc.
PCA503HL320 ADAM-TECH-PCA503HL320 Datasheet
129Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR
PCA503HU320 ADAM-TECH-PCA503HU320 Datasheet
129Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR
PCA503V320 ADAM-TECH-PCA503V320 Datasheet
129Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR
More results


Similar Description - PCA5010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA5007 PHILIPS-PCA5007 Datasheet
604Kb / 112P
Pager baseband controller
1998 Oct 07
PCD5091 PHILIPS-PCD5091 Datasheet
128Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5093 PHILIPS-PCD5093 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
DECT baseband controller
1997 Nov 19
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
Pager Controller
23th Feb 98
HT9580 HOLTEK-HT9580 Datasheet
444Kb / 63P
Character Pager Controller
April 28, 2000
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
Bluetooth baseband controller
Rev. 01-23 April 2004
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
Bluetooth Baseband Controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com