Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet (PDF) - Holtek Semiconductor Inc

HT9480 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9480
Download  HT9480 Download
File Size   1541.62 Kbytes
Page   57 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Pager Controller

HT9480 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9480 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9480
Download  HT9480 Click to download

File Size   1541.62 Kbytes
Page   57 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Pager Controller

HT9480 Datasheet (HTML) - Holtek Semiconductor Inc


HT9480 Product details

General Description
The HT9480 is a high performance pager controller. The built-in single cycle instructions (16-bit wide) and two-stage pipeline architecture of the HT9480 account for its high performance. The controller contains a full function pager decoder (POCSAG code) at 512, 1200, or 2400 bits per second data rate and an LCD display driver with a 35x4 dot output.

Features
• Operating voltage: 2.4V~3.3V
• Low power crystal oscillator control
    - 512, 1200, or 2400 bps data rate operation
• Decodes CCIR Radio-paging Code No.1 (POCSAG Code)
• 2-bit random and optional 4-bit burst error correction
• Improved synchronization algorithm
• Supports up to 6 independently programmable user addresses and 6 user frames
• Three RF power on timing control pins
• Single crystal for all available baud rate (76.8kHz crystal)
• Battery low indication (external detector)
• Battery fail interrupt and data ready interrupt
• 8Kx16 program ROM
• 416x8 data RAM
• 35x4 LCD display
• 7 input lines and 10 bidirectional I/O lines
• 8-bit programmable timer for RTC interrupt
• 8-bit programmable timer/event counter and overflow interrupt
• 8-bit programmable tone generator with buzzer output
• Watchdog Timer
• HALT function and wake-up feature reduce power consumption
• 63 powerful instructions, most instructions in one machine cycle
• Eight-level subroutine nesting
• Table read instruction
• Inverted or non-inverted input signal selection for decoder input
• 80-pin LQFP(12x12) package




Similar Part No. - HT9480

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
336Kb / 47P
8-Bit Numerical Pager Controller MCU
July 31, 2002
HT9480 HOLTEK-HT9480_02 Datasheet
336Kb / 47P
8-Bit Numerical Pager Controller MCU
July 31, 2002
More results


Similar Description - HT9480

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1070S-1 MITSUBISHI-MF1070S-1 Datasheet
147Kb / 1P
FOR PAGER, Rx
MF1073S-1 MITSUBISHI-MF1073S-1 Datasheet
281Kb / 1P
FOR PAGER,Rx
logo
NXP Semiconductors
PCA5007 PHILIPS-PCA5007 Datasheet
604Kb / 112P
Pager baseband controller
1998 Oct 07
PCA5010 PHILIPS-PCA5010 Datasheet
627Kb / 112P
Pager baseband controller
1998 Nov 02
PCD5008 PHILIPS-PCD5008 Datasheet
341Kb / 64P
FLEX Pager Decoder
1998 Jun 17
UAA2080 PHILIPS-UAA2080 Datasheet
509Kb / 44P
Advanced pager receiver
1996 Jan 15
UAA2082 PHILIPS-UAA2082 Datasheet
457Kb / 40P
Advanced pager receiver
1996 Jan 15
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
Pager receiver
2000 Jan 18
logo
Holtek Semiconductor In...
HT9580 HOLTEK-HT9580 Datasheet
444Kb / 63P
Character Pager Controller
April 28, 2000
HT9480 HOLTEK-HT9480_02 Datasheet
336Kb / 47P
8-Bit Numerical Pager Controller MCU
July 31, 2002
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com