Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9480 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
HT9480
Pager Controller
Features
•
Operating voltage: 2.2V~3.5V
•
Low power crystal oscillator control
–
512, 1200, or 2400 bps data rate operation
•
Decodes CCIR Radio-paging Code
No.1 (POCSAG Code)
•
2-bit random and optional 4-bit burst error
correction
•
Improved synchronization algorithm
•
Supports up to 6 independently program-
mable user addresses and 6 user frames
•
Three RF power on timing control pins
•
Single crystal for all available baud rate
(76.8kHz crystal)
•
Battery low indication (external detector)
•
Battery fail interrupt and data ready
interrupt
•
8K
×16 program ROM
•
416
×8 data RAM
•
35
×4 LCD display
•
7 input lines and 10 bidirectional I/O lines
•
8-bit programmable timer for RTC
interrupt
•
8-bit programmable timer/event counter
and overflow interrupt
•
8-bit programmable tone generator with
buzzer output
•
Watchdog timer
•
Halt function and wake-up feature reduce
power consumption
•
63 powerful instructions, most instructions
in one machine cycle
•
Eight-level subroutine nesting
•
Table read instruction
•
Inverted or non-inverted input signal
selection for decoder input
•
80-pin LQFP package
General Description
The HT9480 is a high performance pager con-
troller. The built-in single cycle instructions
(16-bit wide) and two-stage pipeline architec-
ture of the HT9480 account for its high perform-
ance. The controller contains a full function
pager decoder (POCSAG code) at 512, 1200, or
2400 bits per second data rate and an LCD
display driver with a 35
×4 dot output.
1
23th Feb ’98


Similar Part No. - HT9480

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
336Kb / 47P
8-Bit Numerical Pager Controller MCU
July 31, 2002
HT9480 HOLTEK-HT9480_02 Datasheet
336Kb / 47P
8-Bit Numerical Pager Controller MCU
July 31, 2002
More results

Similar Description - HT9480

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1070S-1 MITSUBISHI-MF1070S-1 Datasheet
147Kb / 1P
FOR PAGER, Rx
MF1073S-1 MITSUBISHI-MF1073S-1 Datasheet
281Kb / 1P
FOR PAGER,Rx
logo
NXP Semiconductors
PCA5007 PHILIPS-PCA5007 Datasheet
604Kb / 112P
Pager baseband controller
1998 Oct 07
PCA5010 PHILIPS-PCA5010 Datasheet
627Kb / 112P
Pager baseband controller
1998 Nov 02
PCD5008 PHILIPS-PCD5008 Datasheet
341Kb / 64P
FLEX Pager Decoder
1998 Jun 17
UAA2080 PHILIPS-UAA2080 Datasheet
509Kb / 44P
Advanced pager receiver
1996 Jan 15
UAA2082 PHILIPS-UAA2082 Datasheet
457Kb / 40P
Advanced pager receiver
1996 Jan 15
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
Pager receiver
2000 Jan 18
logo
Holtek Semiconductor In...
HT9580 HOLTEK-HT9580 Datasheet
444Kb / 63P
Character Pager Controller
April 28, 2000
HT9480 HOLTEK-HT9480_02 Datasheet
336Kb / 47P
8-Bit Numerical Pager Controller MCU
July 31, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com