Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9480 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT9480
Description  Pager Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9480 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT9480 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9480 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Display memory
LCD display
The LCD display memory is embedded in the
data memory (mapped to the addresses
C0H~E2H of bank 27). It can be read and writ-
ten to as a normal data memory. The following
figure illustrates the mapping between the dis-
play memory and the LCD pattern.
To turn the display on/off, the programmer
writes 1 or 0 to the corresponding bit of the
display memory. The LCD display module can
be of any form as long as the number of the
common doesn’t exceed 4 and the number of the
segment is not over 35.
The entire number of the LCD driver output is
35
×4. The LCD driver can directly drive an LCD
of 1/4 duty cycle and 1/3 bias. All of the LCD
segments are random at the initial clear mode.
The frequency of the LCD driving clock is fixed
at about 256Hz, and cannot be changed. It is set
by HOLTEK according to the application.
The following is an example of an 8-segment
digit display, which shows a waveform of “5”.
Pager decoder
The pager decoder is a POCSAG code pager
decoder at 512, 1200, or 2400 bps data rate,
compatible with CCIR radio paging Code No.1
(POCSAG Code). The decoder supports six user
addresses and six independently programma-
ble user frames.
HT9480
22
23th Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com